Electronic Components Datasheet Search
  English  ▼

X  

TPS63805 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63805
Description  TPS6380x High-Efficiency, Low IQ Buck-Boost Converter with Small Solution Size
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63805 Datasheet(HTML) 1 Page - Texas Instruments

  TPS63805 Datasheet HTML 1Page - Texas Instruments TPS63805 Datasheet HTML 2Page - Texas Instruments TPS63805 Datasheet HTML 3Page - Texas Instruments TPS63805 Datasheet HTML 4Page - Texas Instruments TPS63805 Datasheet HTML 5Page - Texas Instruments TPS63805 Datasheet HTML 6Page - Texas Instruments TPS63805 Datasheet HTML 7Page - Texas Instruments TPS63805 Datasheet HTML 8Page - Texas Instruments TPS63805 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
TPS6380x High-Efficiency, Low IQ Buck-Boost Converter with Small Solution Size
1 Features
• Three pin-to-pin device options: TPS63805,
TPS63806, and TPS63807 with specific
application focus
• Input voltage range: 1.3 V to 5.5 V
– Device input voltage > 1.8 V for start-up
• Output voltage range: 1.8 V to 5.2 V (adjustable)
• High efficiency over the entire load range
– Power save mode and mode selection for
forced PWM-mode
• Peak current buck-boost mode architecture
– Defined transition points between buck, buck-
boost, and boost operation modes
– Forward and reverse current operation
– Start-up into pre-biased outputs
• Safety and robust operation features
– Integrated soft start
– Overtemperature- and overvoltage-protection
– True shutdown function with load disconnect
– Forward and backward current limit
• TPS63805
– Optimized for smallest solution size of 18.5
mm2 (works with a 22-µF minimum output
capacitor)
– 2-A output current for VI ≥ 2.3 V, VO = 3.3 V
– 11-µA operating quiescent current
• TPS63806
– Optimized for best load step response (180-mV
load-step response at a 2 A current step)
– Up to 2.5-A transient output current
– 13-µA operating quiescent current
• TPS63807
– Optimized for smallest solution size of 18.5
mm2 (works with a 22-µF minimum output
capacitor)
– 2-A output current for VI ≥ 2.3 V, VO = 3.3 V
– 11-µA operating quiescent current
– Output discharge feature when EN is low
– 480-µs Tramp for small inrush current during
start-up
2 Applications
• TPS63805
– System pre-regulator (smartphone, tablet, left
terminal, and telematics)
– Point-of-load regulation (wired sensor, port/
cable adapter, and dongle)
• TPS63806
– Time-of-flight camera sensor (smartphone,
electronic smart lock, and ip network camera)
– Broadband network radio or SoC supply (IoT,
tracking, home automation, and EPOS)
– Thermoelectric device supply (TEC, optical
modules)
– General purpose voltage stabilizer
• TPS63807
– Applications needing an output discharge
feature
3 Description
The TPS63805, TPS63806, and TPS63807 are high
efficiency, high output current buck-boost converters.
Depending on the input voltage, they automatically
operate in boost, buck, or in a novel 4-cycle buck-
boost mode when the input voltage is approximately
equal to the output voltage.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
TPS63805
3 × 5 Balls WCSP
(0.4 mm pitch)
2.3 mm × 1.4 mm
TPS63806
TPS63807
(1)
For all available packages, see the orderable addendum at
the end of the datasheet.
VIN
1.3 V ± 5.5 V
EN
MODE
VIN
L2
L1
GND
VOUT
AGND
PG
FB
TPS63805
0.47 µH
VOUT
3.3 V
10 F
22 F
Typical Application
Output Current (A)
0
10
20
30
40
50
60
70
80
90
100
100P
1m
10m
100m
1
2
D001
D001
VIN = 3.0 V
VIN = 3.3 V
VIN = 3.6 V
VIN = 4.2 V
Efficiency Versus Output Current (VO = 3.3 V)
TPS63805, TPS63806, TPS63807
SLVSDS9E – JULY 2018 – REVISED AUGUST 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS63805

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63805 TI1-TPS63805 Datasheet
559Kb / 21P
High Current, High Efficiency Single Inductor Buck-Boost Converter
TPS63805 TI1-TPS63805 Datasheet
560Kb / 22P
High Current, High Efficiency Single Inductor Buck-Boost Converter
TPS63805 TI1-TPS63805 Datasheet
3Mb / 46P
TPS6380x 2-A, High-efficient, Low IQ Buck-boost Converter with Small Solution Size
TPS63805 TI2-TPS63805 Datasheet
2Mb / 38P
TPS63802 2-A, High-efficient, Low IQ Buck-boost Converter in DFN Package
REVISED JANUARY 2021
TPS63805 TI2-TPS63805 Datasheet
2Mb / 38P
TPS63802 2-A, High-efficient, Low IQ Buck-boost Converter in DFN Package
REVISED JANUARY 2021
More results

Similar Description - TPS63805

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9104 INTERSIL-ISL9104 Datasheet
345Kb / 13P
500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
ISL9103 INTERSIL-ISL9103 Datasheet
336Kb / 13P
500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
June 26, 2009
logo
Richtek Technology Corp...
RT6158H RICHTEK-RT6158H Datasheet
311Kb / 12P
High Efficiency, Low Quiescent, 3A Buck-Boost Converter
logo
Renesas Technology Corp
ISL9103 RENESAS-ISL9103 Datasheet
689Kb / 14P
500mA 2.4MHz Low IQ High Efficiency Synchronous Buck Converter
ISL9104 RENESAS-ISL9104 Datasheet
730Kb / 14P
500mA 4.3MHz Low IQ High Efficiency Synchronous Buck Converter
logo
Texas Instruments
TPS63802 TI1-TPS63802 Datasheet
1Mb / 28P
2-A, High-Efficient, Low IQ Buck-Boost Converter with Small Solution Size
TPS63805 TI1-TPS63805_V01 Datasheet
3Mb / 46P
TPS6380x 2-A, High-efficient, Low IQ Buck-boost Converter with Small Solution Size
logo
Analog Devices
MAX77348A AD-MAX77348A Datasheet
1Mb / 31P
Ultra-Low IQ, Low-Noise 3.5W Buck-Boost Converter
Rev 0; 10/22
logo
Richtek Technology Corp...
RT6160A RICHTEK-RT6160A Datasheet
2Mb / 32P
Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
July 2023
RT6160D RICHTEK-RT6160D Datasheet
2Mb / 32P
Low Quiescent, High Efficiency 3A Buck-Boost Converter with I2C Interface
May 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com