Electronic Components Datasheet Search
  English  ▼

X  

TPS63805 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63805
Description  TPS6380x High-Efficiency, Low IQ Buck-Boost Converter with Small Solution Size
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63805 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS63805 Datasheet HTML 8Page - Texas Instruments TPS63805 Datasheet HTML 9Page - Texas Instruments TPS63805 Datasheet HTML 10Page - Texas Instruments TPS63805 Datasheet HTML 11Page - Texas Instruments TPS63805 Datasheet HTML 12Page - Texas Instruments TPS63805 Datasheet HTML 13Page - Texas Instruments TPS63805 Datasheet HTML 14Page - Texas Instruments TPS63805 Datasheet HTML 15Page - Texas Instruments TPS63805 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
VEAmp
IPK-PK
IPEAK
TON
TOFF
IIND
time
0
Figure 9-5. Peak-Current Architecture Operation
9.4.1.1 Reverse Current Operation, Negative Current
When the TPS63805, TPS63806, and TPS63807 are forced to PWM operation (MODE = HIGH), the device
current can flow in reverse direction. This happens by the negative current capability of the TPS63805,
TPS63806, and TPS63807. The error amplifier provides a peak-current target (voltage that is translated into
an equivalent current, see Figure 9-1), even if the target has a negative value. The maximum average current is
even more negative than the peak current.
VEAmp
IPK-PK
IPEAK
time
IAVG
IIND
0
Figure 9-6. Peak-Current Operation, Reverse Current
9.4.1.2 Boost Operation
When VI is smaller than VO (and the voltages are not close enough to trigger buck-boost operation), the
TPS63805, TPS63806, and TPS63807 operate in boost mode where the boost high-side and low-side switches
are active. The buck high-side switch is always turned on and the buck low-side switch is always turned off. This
lets the TPS63805, TPS63806, and TPS63807 operate as a classical boost converter.
TPS63805, TPS63806, TPS63807
SLVSDS9E – JULY 2018 – REVISED AUGUST 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS63805 TPS63806 TPS63807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com