Electronic Components Datasheet Search
  English  ▼

X  

TPS63805 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63805
Description  TPS6380x High-Efficiency, Low IQ Buck-Boost Converter with Small Solution Size
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63805 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS63805 Datasheet HTML 5Page - Texas Instruments TPS63805 Datasheet HTML 6Page - Texas Instruments TPS63805 Datasheet HTML 7Page - Texas Instruments TPS63805 Datasheet HTML 8Page - Texas Instruments TPS63805 Datasheet HTML 9Page - Texas Instruments TPS63805 Datasheet HTML 10Page - Texas Instruments TPS63805 Datasheet HTML 11Page - Texas Instruments TPS63805 Datasheet HTML 12Page - Texas Instruments TPS63805 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
9.3 Feature Description
9.3.1 Control Loop Description
The TPS63805, TPS63806, and TPS63807 use a peak current mode control architecture. It has an inner current
loop where it measures the peak current of the boost high-side MOSFET and compares it to a reference current.
This current is the output of the outer voltage loop. It measures the output voltage via the FB-pin and compares
it with the internal voltage reference. That means, the outer voltage loop measures the voltage error (VREF-VFB),
and transforms it into the system current demand (IREF) for the inner current loop.
Figure 9-1 shows the simplified schematic of the control loop. The error amplifier and the type-2 compensation
represent the voltage loop. The voltage output is converted into the reference current IREF and fed into the
current comparator.
The scheme shows the skip-comparator handling the power-save mode (PFM) to achieve high efficiency at light
loads. See Section 9.4.2 for further details.
VIN
L1
FB
+
±
I
SKIP
+
±
Ref
500mV
Gate
Driver
I
REF
V
EA
I
PK
Figure 9-1. Control Loop Architecture Scheme
9.3.2 Precise Device Enable: Threshold- or Delayed Enable
The enable-pin is a digital input to enable or disable the device by applying a high or low level. The device
enters shutdown when EN is set low. In addition, this input features a precise threshold and can be used as a
comparator that enables and disables the part at a defined threshold. This allows you to drive the state by a
slowly changing voltage and enables the use of an external RC network to achieve a precise power-up delay.
The enable pin can also be used with an external voltage divider to set a user-defined minimum supply voltage.
For proper operation, the EN pin must be terminated and must not be left floating.
V
THRESHOL D
EN
R4
R5
V
DELAY
EN
R4
C5
Figure 9-2. Circuit Example for How to Use the Precise Device Enable Feature
www.ti.com
TPS63805, TPS63806, TPS63807
SLVSDS9E – JULY 2018 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS63805 TPS63806 TPS63807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com