Electronic Components Datasheet Search
  English  ▼

X  

TPS63805 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63805
Description  TPS6380x High-Efficiency, Low IQ Buck-Boost Converter with Small Solution Size
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63805 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS63805 Datasheet HTML 3Page - Texas Instruments TPS63805 Datasheet HTML 4Page - Texas Instruments TPS63805 Datasheet HTML 5Page - Texas Instruments TPS63805 Datasheet HTML 6Page - Texas Instruments TPS63805 Datasheet HTML 7Page - Texas Instruments TPS63805 Datasheet HTML 8Page - Texas Instruments TPS63805 Datasheet HTML 9Page - Texas Instruments TPS63805 Datasheet HTML 10Page - Texas Instruments TPS63805 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
8.6 Typical Characteristics
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0
4
8
12
16
D006
VI = 1.8 V
VI = 3.6 V
VI = 5.5 V
MODE = LOW
VO = 3.3 V
IO = 0 mA, not
switching
Figure 8-1. TPS63805/TPS63807 Quiescent Current
vs. Temperature
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0
4
8
12
16
20
Unit ID# 319112
D005
VI = 1.8 V
VI = 3.6 V
VI = 5.5 V
MODE = LOW
VO = 3.3 V
IO = 0 mA, not
switching
Figure 8-2. Quiescent Current vs. Temperature
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
1.4
D004
VI = 1.8 V
VI = 3.6 V
VI = 5.5 V
EN = LOW
Figure 8-3. Shutdown Current vs. Temperature
www.ti.com
TPS63805, TPS63806, TPS63807
SLVSDS9E – JULY 2018 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS63805 TPS63806 TPS63807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com