Electronic Components Datasheet Search
  English  ▼

X  

TPS63805 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63805
Description  TPS6380x High-Efficiency, Low IQ Buck-Boost Converter with Small Solution Size
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63805 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS63805 Datasheet HTML 16Page - Texas Instruments TPS63805 Datasheet HTML 17Page - Texas Instruments TPS63805 Datasheet HTML 18Page - Texas Instruments TPS63805 Datasheet HTML 19Page - Texas Instruments TPS63805 Datasheet HTML 20Page - Texas Instruments TPS63805 Datasheet HTML 21Page - Texas Instruments TPS63805 Datasheet HTML 22Page - Texas Instruments TPS63805 Datasheet HTML 23Page - Texas Instruments TPS63805 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Table 10-8. Typical Characteristics Curves
PARAMETER
CONDITIONS
FIGURE
Output Current Capability
Typical Output Current Capability versus Input Voltage
VO = 3.3 V, TPS63805/TPS63807
Figure 10-3
Typical Output Current Capability versus Input Voltage
VO = 3.3 V, TPS63806
Figure 10-4
Switching Frequency (TPS63805, TPS63806,TPS63807)
Typical Inductor Switching Frequency versus Input
Voltage
IO = 0 A, MODE = High
Figure 10-5
Typical Inductor Burst Frequency versus Output Current
VO = 3.3 V
Figure 10-6
Efficiency (TPS63805/TPS63807)
Efficiency versus Output Current (PFM/PWM)
VI = 2.5 V to 4.2 V, VO = 3.3 V, MODE = Low
Figure 10-7
Efficiency versus Output Current (PWM only)
VI = 2.5 V to 4.2 V, VO = 3.3 V, MODE = High
Figure 10-8
Efficiency versus Output Current (PFM/PWM)
VI = 1.8 V to 5 V, VO = 3.3 V, MODE = Low
Figure 10-9
Efficiency versus Output Current (PWM only)
VI = 1.8 V to 5 V, VO = 3.3 V, MODE = High
Figure 10-10
Efficiency versus. Input Voltage (PFM/PWM)
VO = 3.3 V, MODE = Low
Figure 10-11
Efficiency versus Input Voltage (PWM only)
IO = 1 A, MODE = High
Figure 10-12
Efficiency (TPS63806)
Efficiency versus Output Current (PFM/PWM)
VI = 2.5 V to 4.2, VO = 3.3 V, MODE = Low
Figure 10-13
Efficiency versus Output Current (PWM only)
VI = 2.5 V to 4.2 , VO = 3.3 V, MODE = High
Figure 10-14
Efficiency versus Output Current (PFM/PWM)
VI = 1.8 V to 5, VO = 3.3 V, MODE = Low
Figure 10-15
Efficiency versus Output Current (PWM only)
VI = 2.5 V to 5, VO = 3.3 V, MODE = High
Figure 10-18
Efficiency versus Input Voltage (PFM/PWM)
VO = 3.3 V, MODE = Low
Figure 10-17
Efficiency versus Input Voltage (PWM only)
IO = 1 A, MODE = High
Figure 10-18
Regulation Accuracy (TPS63805/TPS63807)
Load Regulation, PWM Operation
VO = 3.3 V, MODE = High
Figure 10-19
Load Regulation, PFM/PWM Operation
VO = 3.3 V, MODE = Low
Figure 10-20
Line Regulation, PWM Operation
IO = 1 A, MODE = High
Figure 10-21
Line Regulation, PFM/PWM Operation
IO = 1 A, MODE = Low
Figure 10-22
Regulation Accuracy (TPS63806)
Load Regulation, PWM Operation
VO = 3.3 V, MODE = High
Figure 10-23
Load Regulation, PFM/PWM Operation
VO = 3.3 V, MODE = Low
Figure 10-24
Line Regulation, PWM Operation
IO = 1 A, MODE = High
Figure 10-25
Line Regulation, PFM/PWM Operation
IO = 1 A, MODE = Low
Figure 10-26
Switching Waveforms (TPS63805, TPS63806,TPS63807)
Switching Waveforms, PFM Boost Operation
VI = 2.3 V, VO = 3.3 V, MODE = Low
Figure 10-27
Switching Waveforms, PFM Buck-Boost Operation
VI = 3.3 V, VO = 3.3 V, MODE = Low
Figure 10-28
Switching Waveforms, PFM Buck Operation
VI = 4.3 V, VO = 3.3 V, MODE = Low
Figure 10-29
Switching Waveforms, PWM Boost Operation
VI = 2.3 V, VO = 3.3 V, MODE = High
Figure 10-30
Switching Waveforms, PWM Buck-Boost Operation
VI = 3.3 V, VO = 3.3 V, MODE = High
Figure 10-31
Switching Waveforms, PWM Buck Operation
VI = 4.3 V, VO = 3.3 V, MODE = High
Figure 10-32
Transient Performance (TPS63805/TPS63807)
Load Transient, PFM/PWM Boost Operation
VI = 2.5 V, VO = 3.3 V, Load = 100 mA to 1A, MODE =
Low
Figure 10-33
Load Transient, PFM/PWM Buck-Boost Operation
VI = 3.3 V, VO = 3.3 V, Load = 100 mA to 1A, MODE =
Low
Figure 10-34
Load Transient, PFM/PWM Buck Operation
VI = 4.2 V, VO = 3.3V, Load = 100 mA to 1A, MODE =
Low
Figure 10-35
Load Transient, PWM Boost Operation
VI = 2.5 V, VO = 3.3 V, Load = 100 mA to 1A, MODE =
High
Figure 10-36
TPS63805, TPS63806, TPS63807
SLVSDS9E – JULY 2018 – REVISED AUGUST 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS63805 TPS63806 TPS63807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com