Electronic Components Datasheet Search
  English  ▼

X  

TPS63805 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63805
Description  TPS6380x High-Efficiency, Low IQ Buck-Boost Converter with Small Solution Size
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63805 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS63805 Datasheet HTML 19Page - Texas Instruments TPS63805 Datasheet HTML 20Page - Texas Instruments TPS63805 Datasheet HTML 21Page - Texas Instruments TPS63805 Datasheet HTML 22Page - Texas Instruments TPS63805 Datasheet HTML 23Page - Texas Instruments TPS63805 Datasheet HTML 24Page - Texas Instruments TPS63805 Datasheet HTML 25Page - Texas Instruments TPS63805 Datasheet HTML 26Page - Texas Instruments TPS63805 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
Output Current (A)
60
70
80
90
100
100P
1m
10m
100m
1
2
D021
VI = 1.8 V
VI = 3.3 V
VI = 5.0 V
VO = 3.3 V
MODE = Low
TPS63805
Figure 10-9. Efficiency versus Output Current
(PFM/PWM)
Output Current (A)
0
10
20
30
40
50
60
70
80
90
100
1m
10m
100m
1
2
D022
VI = 1.8 V
VI = 3.3 V
VI = 5.0 V
VO = 3.3 V
MODE = High
TPS63805
Figure 10-10. Efficiency versus Input Voltage (PWM
Only)
Input Voltage (V)
2.5
2.9
3.3
3.7
4.1
50
60
70
80
90
100
2.5
D023
IO = 100 PA
IO = 10 mA
IO = 100 mA
IO = 1 A
IO = 1.5 A
VO = 3.3 V
MODE = Low
TPS63805
Figure 10-11. Efficiency versus Input Voltage (PFM/
PWM)
Input Voltage (V)
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
60
70
80
90
100
D024
VO = 1.8 V
VO = 3.3 V
VO = 5.2 V
IO = 1 A
MODE = Low
TPS63805
Figure 10-12. Efficiency versus Input Voltage (PWM
Only)
Output Current (A)
60
70
80
90
100
100P
1m
10m
100m
1
2.5
D008
VI = 2.5 V
VI = 3.6 V
VI = 4.2 V
VO = 3.3 V
MODE = High
TPS63806
Figure 10-13. Efficiency versus Output Current
(PFM/PWM)
Output Current (A)
0
10
20
30
40
50
60
70
80
90
100
1m
10m
100m
1
2.5
D013
VI = 2.5 V
VI = 3.6 V
VI = 4.2 V
VO = 3.3 V
MODE = Low
TPS63806
Figure 10-14. Efficiency versus Output Current
(PWM Only)
www.ti.com
TPS63805, TPS63806, TPS63807
SLVSDS9E – JULY 2018 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TPS63805 TPS63806 TPS63807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com