Electronic Components Datasheet Search
  English  ▼

X  

TPS63805 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63805
Description  TPS6380x High-Efficiency, Low IQ Buck-Boost Converter with Small Solution Size
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63805 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS63805 Datasheet HTML 2Page - Texas Instruments TPS63805 Datasheet HTML 3Page - Texas Instruments TPS63805 Datasheet HTML 4Page - Texas Instruments TPS63805 Datasheet HTML 5Page - Texas Instruments TPS63805 Datasheet HTML 6Page - Texas Instruments TPS63805 Datasheet HTML 7Page - Texas Instruments TPS63805 Datasheet HTML 8Page - Texas Instruments TPS63805 Datasheet HTML 9Page - Texas Instruments TPS63805 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
VIN= 1.8 V to 5.5 V, VOUT = 1.8 V to 5.2 V , TJ= –40°C to +125°C, typical values are at VIN= 3.6 V, VOUT = 3.3 V and TJ= 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Buck
RDS;ON
High-side FET on-resistance
VIN = 3 V, VOUT = 3.3 V; I(L2) = 0.19
A
VIN = 3 V, VOUT = 3.3
V; IO = 0.5 A
47
mΩ
Low-side FET on-resistance
VIN = 3 V, VOUT = 3.3 V; I(L2) = 0.19
A
VIN = 3 V, VOUT = 3.3
V; IO = 0.5 A
30
mΩ
Boost
RDS;ON
High-side FET on-resistance
VIN = 3 V, VOUT = 3.3 V; I(L1) = 0.19
A
VIN = 3 V, VOUT = 3.3
V; IO = 0.5 A
43
mΩ
Low-side FET on-resistance
VIN = 3 V, VOUT = 3.3 V; I(L1) = 0.19
A
VIN = 3 V, VOUT = 3.3
V; IO = 0.5 A
18
mΩ
fSW
Inductor Switching Frequency,
Boost Mode
VIN = 2.3V, VOUT = 3.3V, no Load, MODE = HIGH, TJ = 25°C
2.1
MHz
Inductor Switching Frequency,
Buck-Boost Mode
VIN = 3.3V, VOUT = 3.3V, no Load, MODE = HIGH, TJ = 25°C
1.4
MHz
Inductor Switching Frequency,
Buck Mode
VIN = 4.3, VOUT = 3.3V, no Load, MODE = HIGH, TJ = 25°C
1.6
MHz
Line regulation
VIN = 2.4 V to 5.5 V, VOUT = 3.3V, IOUT = 2 A
0.3
%
Load regulation
VIN= 3.6 V, VOUT = 3.3V, IOUT = 0 A to 2 A, forced-PWM
mode
0.1
%
TPS63805, TPS63806, TPS63807
SLVSDS9E – JULY 2018 – REVISED AUGUST 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS63805 TPS63806 TPS63807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com