Electronic Components Datasheet Search
  English  ▼

X  

TPS63805 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63805
Description  TPS6380x High-Efficiency, Low IQ Buck-Boost Converter with Small Solution Size
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63805 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS63805 Datasheet HTML 17Page - Texas Instruments TPS63805 Datasheet HTML 18Page - Texas Instruments TPS63805 Datasheet HTML 19Page - Texas Instruments TPS63805 Datasheet HTML 20Page - Texas Instruments TPS63805 Datasheet HTML 21Page - Texas Instruments TPS63805 Datasheet HTML 22Page - Texas Instruments TPS63805 Datasheet HTML 23Page - Texas Instruments TPS63805 Datasheet HTML 24Page - Texas Instruments TPS63805 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Table 10-8. Typical Characteristics Curves (continued)
PARAMETER
CONDITIONS
FIGURE
Load Transient, PWM Buck-Boost Operation
VI = 3.3 V, VO = 3.3 V, Load = 100 mA to 1A, MODE =
High
Figure 10-37
Load Transient, PWM Buck Operation
VI = 4.2 V, VO = 3.3 V, Load = 100 mA to 1A, MODE =
High
Figure 10-38
Line Transient, PWM Operation
VI = 2.3 V to 4.3 V, VO = 3.3 V, Load = 0.5 A , MODE =
Low
Figure 10-39
Line Transient, PWM Operation
VI = 2.3 V to 4.3 V, VO = 3.3 V, Load = 1 A , MODE =
Low
Figure 10-40
Line Transient, PWM Operation
VI = 3 V to 3.6 V, VO = 3.3 V, Load = 0.5 A , MODE =
Low
Figure 10-41
Transient Performance (TPS63806)
Load Transient, PFM/PWM Boost Operation
VI = 2.3 V, VO = 3.3 V, Load = 25% to 75%, MODE =
Low
Figure 10-42
Load Transient, PFM/PWM Buck-Boost Operation
VI = 3.3 V, VO = 3.3 V, Load = 25% to 75%, MODE =
Low
Figure 10-43
Load Transient, PFM/PWM Buck Operation
VI = 4.3 V, VO = 3.3 V, Load = 25% to 75%, MODE =
Low
Figure 10-44
Load Transient, PWM Boost Operation
VI = 2.3 V, VO = 3.3 V, Load = 25% to 75%, MODE =
High
Figure 10-45
Load Transient, PWM Buck-Boost Operation
VI = 3.3 V, VO = 3.3 V, Load = 25% to 75%, MODE =
High
Figure 10-46
Load Transient, PWM Buck Operation
VI = 4.3 V, VO = 3.3 V, Load = 25% to 75%, MODE =
High
Figure 10-47
Line Transient, PWM Operation
VI = 2.3 V to 4.3 V, VO = 3.3 V, Load = 0.5 A , MODE =
Low
Figure 10-48
Line Transient, PWM Operation
VI = 2.3 V to 4.3 V, VO = 3.3 V, Load = 1 A , MODE =
Low
Figure 10-49
Line Transient, PWM Operation
VI = 3 V to 3.6 V, VO = 3.3 V, Load = 0.5 A , MODE =
Low
Figure 10-50
Pulsed load, PWM Operation
VI = 2.8 V, VO = 3.3 V, Load = 50 mA to 5 A, with
1 MHz and 50% duty cycle, tr = 120 ns, tf = 60 ns,
MODE = High
Figure 10-51
Pulsed load, PWM Operation
VI = 3.3 V, VO = 3.3 V, Load = 50 mA to 5 A, with
1 MHz and 50% duty cycle, tr = 120 ns, tf = 60 ns,
MODE = High
Figure 10-52
Pulsed load, PWM Operation
VI = 4.2 V, VO = 3.3 V, Load = 50 mA to 5 A, with 1
MHz and 50% duty cycle, tr = 120 ns tf = 60 ns, MODE
= High
Figure 10-53
Start-up (TPS63805, TPS63806,TPS63807)
Start-up Behavior from Rising Enable, PFM Operation
VI = 2.2 V, VO = 3.3 V, Load = 10 mA, MODE = Low
Figure 10-54
Start-up Behavior from Rising Enable, PWM Operation
VI = 2.2 V, VO = 3.3 V, Load = 10 mA, MODE = High
Figure 10-55
www.ti.com
TPS63805, TPS63806, TPS63807
SLVSDS9E – JULY 2018 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS63805 TPS63806 TPS63807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com