Electronic Components Datasheet Search
  English  ▼

X  

TPS63805 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63805
Description  TPS6380x High-Efficiency, Low IQ Buck-Boost Converter with Small Solution Size
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63805 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TPS63805 Datasheet HTML 24Page - Texas Instruments TPS63805 Datasheet HTML 25Page - Texas Instruments TPS63805 Datasheet HTML 26Page - Texas Instruments TPS63805 Datasheet HTML 27Page - Texas Instruments TPS63805 Datasheet HTML 28Page - Texas Instruments TPS63805 Datasheet HTML 29Page - Texas Instruments TPS63805 Datasheet HTML 30Page - Texas Instruments TPS63805 Datasheet HTML 31Page - Texas Instruments TPS63805 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
IO = 0.5 A
VI from 2.2 V to
4.2 V tr =1 µs, tf =
1 µs
TPS63805
MODE = High
Figure 10-39. Line Transient, PWM Operation
IO = 1 A
VI from 2.2 V to
4.2 V tr = 1 µs, tf
= 1 µs
TPS63805
MODE = High
Figure 10-40. Line Transient, PWM Operation
IO = 0.5 A
VI from 3 V to 3.6
V tr = 1 µs, tf = 1
µs
TPS63805
MODE = High
Figure 10-41. Line Transient, PWM Operation
VI = 2.8 V, VO = 3.3
V
IO from 100 mA
to 2 A tr = 1 µs, tf
= 1 µs
TPS63806 MODE =
Low
Figure 10-42. Load Transient, PFM/PWM Boost
Operation
VI = 3.3 V, VO = 3.3
V
IO from 100 mA
to 2 A tr = 1 µs, tf
= 1 µs
TPS63806 MODE =
Low
Figure 10-43. Load Transient, PFM/PWM Buck-
Boost Operation
VI = 4.2 V, VO = 3.3 V
IO from 100 mA
to 2 A tr = 1 µs, tf
= 1 µs
TPS63806
MODE = Low
Figure 10-44. Load Transient, PFM/PWM Buck
Operation
TPS63805, TPS63806, TPS63807
SLVSDS9E – JULY 2018 – REVISED AUGUST 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS63805 TPS63806 TPS63807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com