Electronic Components Datasheet Search
  English  ▼

X  

TPS63805 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63805
Description  TPS6380x High-Efficiency, Low IQ Buck-Boost Converter with Small Solution Size
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63805 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS63805 Datasheet HTML 4Page - Texas Instruments TPS63805 Datasheet HTML 5Page - Texas Instruments TPS63805 Datasheet HTML 6Page - Texas Instruments TPS63805 Datasheet HTML 7Page - Texas Instruments TPS63805 Datasheet HTML 8Page - Texas Instruments TPS63805 Datasheet HTML 9Page - Texas Instruments TPS63805 Datasheet HTML 10Page - Texas Instruments TPS63805 Datasheet HTML 11Page - Texas Instruments TPS63805 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
9 Detailed Description
9.1 Overview
The TPS63805, TPS63806, and TPS63807 buck-boost converter use four internal switches to maintain
synchronous power conversion at all possible operating conditions. This enables the device to keep high
efficiency over a wide input voltage and output load range. To regulate the output voltage at all possible
input voltage conditions, the device automatically transitions between buck, buck-boost, and boost operation as
required by the operating conditions. Therefore, it operates as a buck converter when the input voltage is higher
than the output voltage, and as a boost converter when the input voltage is lower than the output voltage. When
the input voltage is close to the output voltage, it operates in a 3-cycle buck-boost operation. In this mode, all
four switches are active (see Section 9.4.1.3). The RMS current through the switches and the inductor is kept at
a minimum to minimize switching and conduction losses. Controlling the switches this way allows the converter
to always keep high efficiency over the complete input voltage range. The device provides a seamless transition
between all modes.
9.2 Functional Block Diagram
EN
MODE
VIN
L2
L1
GND
VOUT
AGND
PG
FB
CIN
COUT
L
Gate
Driver
Gate
Driver
+
±
Ref
1.1 V
Device Control
Power Safe Mode
Protection
Current Limit
Buck/Boost Control
Off-time calculation
Soft-Start
+
±
Ref
500 mV
+
±
VMAX Switch
VIN
VOUT
Device
Control
Current
Sensor
Gate
Driver
VIN
VOUT
L1, L2
Power
Good
Device
Control
Device
Control
TPS63805, TPS63806, TPS63807
SLVSDS9E – JULY 2018 – REVISED AUGUST 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS63805 TPS63806 TPS63807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com