Electronic Components Datasheet Search
  English  ▼

X  

TPS63805 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63805
Description  TPS6380x High-Efficiency, Low IQ Buck-Boost Converter with Small Solution Size
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63805 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS63805 Datasheet HTML 9Page - Texas Instruments TPS63805 Datasheet HTML 10Page - Texas Instruments TPS63805 Datasheet HTML 11Page - Texas Instruments TPS63805 Datasheet HTML 12Page - Texas Instruments TPS63805 Datasheet HTML 13Page - Texas Instruments TPS63805 Datasheet HTML 14Page - Texas Instruments TPS63805 Datasheet HTML 15Page - Texas Instruments TPS63805 Datasheet HTML 16Page - Texas Instruments TPS63805 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
VEAmp
IPEAK
TON
TOFF
IIND
Figure 9-7. Peak-Current Boost Operation
9.4.1.3 Buck-Boost Operation
When VI is close to VO, the TPS63805, TPS63806, and TPS63807 operate in buck-boost mode where all
switches are active and the device repeats 3-cycles:
• TON: Boost-charge phase where boost low-side and buck high-side are closed and the inductor current is built
up
• TOFF: Buck discharge phase where boost high-side and buck low-side are closed and the inductor is
discharged
• TCOM: VI connected to VO where all high-side switches are closed and the input is connected to the output
VEAmp
IPEAK
TON
TOFF
IIND
TCOM
TCOM
Figure 9-8. Peak-Current Buck-Boost Operation
9.4.1.4 Buck Operation
When VI is greater than VO (and the voltages are not close enough to trigger buck-boost operation), the
TPS63805, TPS63806, and TPS63807 operate in buck mode where the buck high-side and low-side switches
are active. The boost high-side switch is always turned on and the boost low-side switch is always turned off.
This lets the TPS63805, TPS63806, and TPS63807 operate as a classical buck converter.
VEAmp
IPEAK
TON
TOFF
IIND
Figure 9-9. Peak-Current Buck Operation
www.ti.com
TPS63805, TPS63806, TPS63807
SLVSDS9E – JULY 2018 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS63805 TPS63806 TPS63807



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com