Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 102 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 102 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 98Page - Analog Devices LTM4664 Datasheet HTML 99Page - Analog Devices LTM4664 Datasheet HTML 100Page - Analog Devices LTM4664 Datasheet HTML 101Page - Analog Devices LTM4664 Datasheet HTML 102Page - Analog Devices LTM4664 Datasheet HTML 103Page - Analog Devices LTM4664 Datasheet HTML 104Page - Analog Devices LTM4664 Datasheet HTML 105Page - Analog Devices LTM4664 Datasheet HTML 106Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 138 page
background image
LTM4664A
102
Rev. 0
For more information www.analog.com
MFR_VOUT_MAX
The MFR_VOUT_MAX command is the maximum output voltage in volts for each channel, including VOUT_OV_FAULT_
LIMIT. If the output voltages are set to high range (Bit 6 of MFR_PWM_CONFIG set to a 0) MFR_VOUT_MAX is 3.6V. If
the output voltage is set to low range (Bit 6 of MFR_PWM_CONFIG set to a 1) the MFR_VOUT_MAX is 2.75V. Entering
a VOUT_COMMAND value greater than this will result in a CML fault and the output voltage setting will be clamped to
the maximum level. This will also result in Bit 3 VOUT_MAX_Warning in the STATUS_VOUT command being set. The
maximum value to program is 1.8V and maximum operating is 1.5V.
This read only command has 2 data bytes and is formatted in Linear_16u format.
OUTPUT CURRENT AND LIMITS
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS
NVM
DEFAULT
VALUE
MFR_IOUT_CAL_GAIN
0xDA
The ratio of the voltage at the current
sense pins to the sensed current. For
devices using a fixed current sense
resistor, it is the resistance value in
mΩ.
R Word
Y
L11
mΩ
Y
0.375
0xD018
MFR_IOUT_CAL_GAIN_TC
0xF6
Temperature coefficient of the current
sensing element.
R/W Word
Y
CF
Y
3900
0x0F3C
IOUT_OC_FAULT_LIMIT
0x46
Output overcurrent fault limit.
R/W Word
Y
L11
A
Y
45.0
0xE2D0
IOUT_OC_WARN_LIMIT
0x4A
Output overcurrent warning limit.
R/W Word
Y
L11
A
Y
34.0
0xE230
MFR_IOUT_CAL_GAIN
The MFR_IOUT_CAL_GAIN command is used to set the resistance value of the current sense resistor in milliohms.
(see also MFR_IOUT_CAL_GAIN_TC).
This command has two data bytes and is formatted in Linear_5s_11s format.
MFR_IOUT_CAL_GAIN_TC
The MFR_IOUT_CAL_GAIN_TC command allows the user to program the temperature coefficient of the IOUT_CAL_
GAIN sense resistor or inductor DCR in ppm/°C.
This command has two data bytes and is formatted in 16-bit 2’s complement integer ppm. N = –32768 to 32767 •
10–6. Nominal temperature is 27°C. The MFR_IOUT_CAL_GAIN is multiplied by:
[1.0 + MFR_IOUT_CAL_GAIN_TC • (READ_TEMPERATURE_1-27)].
DCR sensing will have a typical value of 3900.
The MFR_IOUT_CAL_GAIN and MFR_IOUT_CAL_GAIN_TC impact all current parameters including: READ_IOUT,
MFR_IOUT_PEAK, IOUT_OC_FAULT_LIMIT and IOUT_OC_WARN_LIMIT.
PMBus COMMAND DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com