Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 103 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 103 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 99Page - Analog Devices LTM4664 Datasheet HTML 100Page - Analog Devices LTM4664 Datasheet HTML 101Page - Analog Devices LTM4664 Datasheet HTML 102Page - Analog Devices LTM4664 Datasheet HTML 103Page - Analog Devices LTM4664 Datasheet HTML 104Page - Analog Devices LTM4664 Datasheet HTML 105Page - Analog Devices LTM4664 Datasheet HTML 106Page - Analog Devices LTM4664 Datasheet HTML 107Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 138 page
background image
LTM4664A
103
Rev. 0
For more information www.analog.com
PMBus COMMAND DETAILS
IOUT_OC_FAULT_LIMIT
The IOUT_OC_FAULT_LIMIT command sets the value of the peak output current limit, in Amperes. When the controller
is in current limit, the overcurrent detector will indicate an overcurrent fault condition. The following table lists the
progammable peak output current limit value in mV between ISENSE+ and ISENSE–. The actual value of current limit is
(ISENSE+ – ISENSE–)/MFR_IOUT_CAL_GAIN in Amperes.
MFR_PWM_MODE[7] = 1b,
High Current Range (mV)
ILPEAK (A)
IOUT (A)
MFR_PWM_MODE[7] = 0b,
Use ILIM Low Range Low
Current Range (mV)
ILPEAK (A)
IOUT (A)
18.86
Not Needed
Not Needed
10.48
29.9
23.9
20.42
Not Needed
Not Needed
11.34
32.4
26.4
21.14
Not Needed
Not Needed
11.74*
33.54
27.54
22.27
Not Needed
Not Needed
12.37
35.3
29.3
23.41
Not Needed
Not Needed
13.01**
37.1
31.1
24.55
Not Needed
Not Needed
13.64
38.9
32.9
25.68
Not Needed
Not Needed
14.27
40.8
34.8
26.82
Not Needed
Not Needed
14.90
42.6
36.6
* = Recommended for 25A Current Limit Plus Some Headroom
** = Recommended for 30A Current Limit Plus Some Headroom for Up to 1.2V Output
Note: This is the peak of the current waveform. The READ_IOUT command returns the average current. The peak output
current limits are adjusted with temperature based on the MFR_IOUT_CAL_GAIN_TC using the equation:
Peak Current Limit = MFR_IOUT_CAL_GAIN • (1 + MFR_IOUT_CAL_GAIN_TC • (READ_TEMPERTURE_1-27.0)).
The LTM4664A automatically converts currents to the appropriate internal bit value.
The IOUT range is set with bit 7 of the MFR_PWM_MODE command.
The IOUT_OC_FAULT_LIMIT is ignored during TON_RISE and TOFF_FALL.
If the IOUT_OC_FAULT_LIMIT is exceeded, the device:
• Sets the IOUT bit in the STATUS word
• Sets the IOUT Overcurrent fault bit in the STATUS_IOUT
• Notifies the host by asserting ALERT, unless masked
This command has two data bytes and is formatted in Linear_5s_11s format.
**MFR_PWM_MODE[7]=1 is the high current range for ultra low DCR sensing. This range should be used since these
current threshold values are too large for the LTM4664A.
*Recommended for 35% up above 25A current limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com