Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 115 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 115 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 111Page - Analog Devices LTM4664 Datasheet HTML 112Page - Analog Devices LTM4664 Datasheet HTML 113Page - Analog Devices LTM4664 Datasheet HTML 114Page - Analog Devices LTM4664 Datasheet HTML 115Page - Analog Devices LTM4664 Datasheet HTML 116Page - Analog Devices LTM4664 Datasheet HTML 117Page - Analog Devices LTM4664 Datasheet HTML 118Page - Analog Devices LTM4664 Datasheet HTML 119Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 138 page
background image
LTM4664A
115
Rev. 0
For more information www.analog.com
PMBus COMMAND DETAILS
This condition is detected by the ADC so the response time may be up to tCONVERT.
This command has one data byte.
Table 18. Data Byte Contents: TON_MAX_FAULT_RESPONSE, VIN_OV_FAULT_RESPONSE,
OT_FAULT_RESPONSE, UT_FAULT_RESPONSE
BITS
DESCRIPTION
VALUE
MEANING
7:6
Response
For all values of bits [7:6], the LTM4664A:
• Sets the corresponding fault bit in the status commands, and
• Notifies the host by asserting ALERT pin, unless masked.
The fault bit, once set, is cleared only when one or more of the
following events occurs:
• The device receives a CLEAR_FAULTS command.
• The output is commanded through the RUN pin, the OPERATION
command, or the combined action of the RUN pin and
OPERATION command, to turn off and then to turn back on, or
• The device receives a RESTORE_USER_ALL command.
• The device receives a MFR_RESET command.
• The device supply power is cycled.
00
The PMBus device continues operation without interruption.
01
Not supported. Writing this value will generate a CML fault.
10
The device shuts down immediately (disables the output) and
responds according to the retry setting in bits [5:3].
11
Not supported. Writing this value will generate a CML fault.
5:3
Retry Setting
000
The unit does not attempt to restart. The output remains
disabled until the fault is cleared until the device is commanded
OFF bias power is removed.
111
The PMBus device attempts to restart continuously, without
limitation, until it is commanded OFF (by the RUN pin or
OPERATION command or both), bias power is removed, or
another fault condition causes the unit to shut down without
retry. Note: The retry interval is set by the MFR_RETRY_DELAY
command.
2:0
Delay Time
XXX
Not supported. Values ignored
FAULT SHARING
Fault Sharing Propagation
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS
NVM
DEFAULT
VALUE
MFR_FAULT_
PROPAGATE
0xD2
Configuration that determines which faults
are propagated to the FAULT pins.
R/W Word
Y
Reg
Y
0x6993
MFR_FAULT_PROPAGATE
The MFR_FAULT_PROPAGATE command enables the faults that can cause the FAULTn pin to assert low. The com-
mand is formatted as shown in Table 15. Faults can only be propagated to the FAULTn pin if they are programmed to
respond to faults.
This command has two data bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com