Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 117 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 117 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 113Page - Analog Devices LTM4664 Datasheet HTML 114Page - Analog Devices LTM4664 Datasheet HTML 115Page - Analog Devices LTM4664 Datasheet HTML 116Page - Analog Devices LTM4664 Datasheet HTML 117Page - Analog Devices LTM4664 Datasheet HTML 118Page - Analog Devices LTM4664 Datasheet HTML 119Page - Analog Devices LTM4664 Datasheet HTML 120Page - Analog Devices LTM4664 Datasheet HTML 121Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 138 page
background image
LTM4664A
117
Rev. 0
For more information www.analog.com
PMBus COMMAND DETAILS
Fault Sharing Response
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS
NVM
DEFAULT
VALUE
MFR_FAULT_RESPONSE
0xD5
Action to be taken by the device when the
FAULT pin is asserted low.
R/W Byte
Y
Reg
Y
0xC0
MFR_FAULT_RESPONSE
The MFR_FAULT_RESPONSE command instructs the device on what action to take in response to the FAULTn pin
being pulled low by an external source.
Supported Values:
VALUE
MEANING
0xC0
FAULT_INHIBIT The LTM4664A will three-state the output in response to the FAULT pin pulled low.
0x00
FAULT_IGNORE The LTM4664A continues operation without interruption.
The device also:
• Sets the MFR Bit in the STATUS_WORD.
• Sets Bit 0 in the STATUS_MFR_SPECIFIC Command to Indicate FAULT
n Is Being Pulled Low
• Notifies the Host by Asserting ALERT, Unless Masked
This command has one data byte.
SCRATCHPAD
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT
UNITS
NVM
DEFAULT
VALUE
USER_DATA_00
0xB0
OEM reserved. Typically used for part
serialization.
R/W Word
N
Reg
Y
NA
USER_DATA_01
0xB1
Manufacturer reserved for LTpowerPlay.
R/W Word
Y
Reg
Y
NA
USER_DATA_02
0xB2
OEM reserved. Typically used for part
serialization.
R/W Word
N
Reg
Y
NA
USER_DATA_03
0xB3
A NVM word available for the user.
R/W Word
Y
Reg
Y
0x0000
USER_DATA_04
0xB4
A NVM word available for the user.
R/W Word
N
Reg
Y
0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com