Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 120 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 120 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 116Page - Analog Devices LTM4664 Datasheet HTML 117Page - Analog Devices LTM4664 Datasheet HTML 118Page - Analog Devices LTM4664 Datasheet HTML 119Page - Analog Devices LTM4664 Datasheet HTML 120Page - Analog Devices LTM4664 Datasheet HTML 121Page - Analog Devices LTM4664 Datasheet HTML 122Page - Analog Devices LTM4664 Datasheet HTML 123Page - Analog Devices LTM4664 Datasheet HTML 124Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 138 page
background image
LTM4664A
120
Rev. 0
For more information www.analog.com
would still set bit 6 of STATUS_TEMPERATURE but not assert ALERT. All other supported STATUS_TEMPERATURE
bits would continue to assert ALERT if set.
Figure 50 shows an example of the Block Write – Block Read Process Call protocol used to read back the present state
of any supported status register, again without PEC.
SMBALERT_MASK cannot be applied to STATUS_BYTE, STATUS_WORD, MFR_COMMON or MFR_PADS. Factory
default masking for applicable status registers is shown below. Providing an unsupported command code to SMBALERT_
MASK will generate a CML for Invalid/Unsupported Data.
SMBALERT_MASK Default Setting: (Refer Also to Figure 2)
STATUS RESISTER
ALERT Mask Value MASKED BITS
STATUS_VOUT
0x00
None
STATUS_IOUT
0x00
None
STATUS_TEMPERATURE
0x00
None
STATUS_CML
0x00
None
STATUS_INPUT
0x00
None
STATUS_MFR_SPECIFIC
0x11
Bit 4 (internal PLL unlocked), bit 0 (FAULT pulled low by external device)
PMBus COMMAND DETAILS
SLAVE
ADDRESS
SMBALERT_MASK
COMMAND CODE
BLOCK COUNT
(= 1)
W A
A
S
7
8
8
1
STATUS_x
COMMAND CODE
8
1
1 1
1
1
A
A
…
Sr
1
BLOCK COUNT
(= 1)
A
NA P
4664A F57
A
8
8
1
1 1
1
MASK BYTE
SLAVE
ADDRESS
7
R
1
P
1
SLAVE
ADDRESS
SMBALERT_MASK
COMMAND CODE
STATUS_x
COMMAND CODE
W A
A
S
7
8
8
1
8
1
1 1
1
1
A
A
MASK BYTE
4664A F56
Figure 53. Example of Writing SMBALERT_MASK
Figure 54. Example of Reading SMBALERT_MASK
MFR_CLEAR_PEAKS
The MFR_CLEAR_PEAKS command clears the MFR_*_PEAK data values. A MFR_RESET command will also clear the
MFR_*_PEAK data values.
This write-only command has no data bytes.
STATUS_BYTE
The STATUS_BYTE command returns one byte of information with a summary of the most critical faults. This is the
lower byte of the status word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com