Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 138 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 138 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 130Page - Analog Devices LTM4664 Datasheet HTML 131Page - Analog Devices LTM4664 Datasheet HTML 132Page - Analog Devices LTM4664 Datasheet HTML 133Page - Analog Devices LTM4664 Datasheet HTML 134Page - Analog Devices LTM4664 Datasheet HTML 135Page - Analog Devices LTM4664 Datasheet HTML 136Page - Analog Devices LTM4664 Datasheet HTML 137Page - Analog Devices LTM4664 Datasheet HTML 138Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 138 / 138 page
background image
LTM4664A
138
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2021
12/21
www.analog.com
RELATED PARTS
TYPICAL APPLICATIONS
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
Digital Power System Management
Analog Devices’ family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
PART NUMBER DESCRIPTION
COMMENTS
LTM4664
54VIN Dual 25A or Single 50A µModule Regulator with PMBus Interface 30V ≤ VIN ≤ 58V, 0.5V ≤ VOUT ≤ 1.5V. 16mm × 16mm × 7.72mm BGA
LTM4681
Quad 31.25A to Single 125A µModule Regulator with PMBus Interface
Quad 31.25A to Single 125A µModule Regulator with PMBus Interface
LTM4700
Dual 50A or Single 100A µModule Regulator with PMBus Interface
4.5V ≤ VIN ≤ 16V, 0.5V ≤ VOUT ≤ 1.8V. 15mm × 22mm × 7.82mm BGA
LTM4680
Dual 30A or Single 60A µModule Regulator with PMBus Interface
4.5V ≤ VIN ≤ 16V, 0.5V ≤ VOUT ≤ 3.3V. 16mm × 16mm × 7.72mm BGA
LTM4678
Dual 25A or Single 50A µModule Regulator with PMBus Interface
4.5V ≤ VIN ≤ 16V, 0.5V ≤ VOUT ≤ 3.3V. 16mm × 16mm × 5.86mm BGA
LTM4686
Ultrathin Package, Dual 10A or Single 20A µModule Regulator with
PMBus Interface
4.5V ≤ VIN ≤ 17V, 0.5V ≤ VOUT ≤ 2.75V. 11.9mm × 16mm ×
1.82mm LGA
LTM4650
Dual 50A or Single 100A µModule Regulator
4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 1.8V. 16mm × 16mm × 5.01mm BGA
LTM4650A
Dual 50A or Single 100A µModule Regulator with High VOUT Range 4.5V ≤ VIN ≤ 16V, 0.6V ≤ VOUT ≤ 5.5V. 16mm × 16mm × 5.01mm
BGA. 16mm × 16mm × 4.41mm LGA.
LTC®2977
Octal Digital Power Supply Manager with EEPROM
I²C/PMBus Interface, Configuration EEPROM, Fault Logging,
16-Bit ADC with ±0.25% TUE, 3.3V to 15V Operation
LTC2974
Quad Digital Power Supply Manager with EEPROM
I²C/PMBus Interface, Configuration EEPROM, Fault Logging, Per
Channel Voltage, Current and Temperature Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com