Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 130 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 130 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 126Page - Analog Devices LTM4664 Datasheet HTML 127Page - Analog Devices LTM4664 Datasheet HTML 128Page - Analog Devices LTM4664 Datasheet HTML 129Page - Analog Devices LTM4664 Datasheet HTML 130Page - Analog Devices LTM4664 Datasheet HTML 131Page - Analog Devices LTM4664 Datasheet HTML 132Page - Analog Devices LTM4664 Datasheet HTML 133Page - Analog Devices LTM4664 Datasheet HTML 134Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 138 page
background image
LTM4664A
130
Rev. 0
For more information www.analog.com
NVM MEMORY COMMANDS
Store/Restore
COMMAND NAME
CMD
CODE
DESCRIPTION
TYPE
PAGED
FORMAT
UNITS
NVM
DEFAULT
VALUE
STORE_USER_ALL
0x15
Store user operating memory to
EEPROM.
Send Byte
N
NA
RESTORE_USER_ALL
0x16
Restore user operating memory from
EEPROM.
Send Byte
N
NA
MFR_COMPARE_USER_ALL
0xF0
Compares current command contents
with NVM.
Send Byte
N
NA
STORE_USER_ALL
The STORE_USER_ALL command instructs the PMBus device to copy the non-volatile user contents of the Operating
Memory to the matching locations in the non-volatile User NVM memory.
Executing this command if the die temperature exceeds 85°C or is below 0°C is not recommended and the data retention
of 10 years cannot be guaranteed. If the die temperature exceeds 130°C, the STORE_USER_ALL command is disabled.
The command is re-enabled when the IC temperature drops below 125°C.
Communication with the LTM4664A and programming of the NVM can be initiated when EXTVCC or VDD33 is available
and VIN is not applied. To enable the part in this state, using global address 0x5B write MFR_EE_UNLOCK to 0x2B
followed by 0xC4. The LTM4664A will now communicate normally, and the project file can be updated. To write the
updated project file to the NVM issue a STORE_USER_ALL command. When VIN is applied, a MFR_RESET must be
issued to allow the PWM to be enabled and valid ADCs to be read.
This write-only command has no data bytes.
RESTORE_USER_ALL
The RESTORE_USER_ALL command instructs the LTM4664A to copy the contents of the non-volatile User memory
to the matching locations in the Operating Memory. The values in the Operating Memory are overwritten by the value
retrieved from the User commands. The LTM4664A ensures both channels are off, loads the operating memory from
the internal EEPROM, clears all faults, reads the resistor configuration pins, and then performs a soft-start of both
PWM channels if applicable.
STORE_USER_ALL, MFR_COMPARE_USER_ALL and RESTORE_USER_ALL commands are disabled if the die exceeds
130°C and are not re-enabled until the die temperature drops below 125°C.
This write-only command has no data bytes.
MFR_COMPARE_USER_ALL
The MFR_COMPARE_USER_ALL command instructs the PMBus device to compare current command contents with
what is stored in non-volatile memory. If the compare operation detects differences, a CML bit 0 fault will be generated.
This write-only command has no data bytes.
PMBus COMMAND DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com