Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 127 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 127 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 123Page - Analog Devices LTM4664 Datasheet HTML 124Page - Analog Devices LTM4664 Datasheet HTML 125Page - Analog Devices LTM4664 Datasheet HTML 126Page - Analog Devices LTM4664 Datasheet HTML 127Page - Analog Devices LTM4664 Datasheet HTML 128Page - Analog Devices LTM4664 Datasheet HTML 129Page - Analog Devices LTM4664 Datasheet HTML 130Page - Analog Devices LTM4664 Datasheet HTML 131Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 138 page
background image
LTM4664A
127
Rev. 0
For more information www.analog.com
PMBus COMMAND DETAILS
READ_VIN
The READ_VIN command returns the measured VIN pin voltage, in volts added to READ_ICHIP • MFR_RVIN. This
compensates for the IR voltage drop across the VIN filter element due to the supply current of the LTM4664A.
This read-only command has two data bytes and is formatted in Linear_5s_11s format.
READ_VOUT
The READ_VOUT command returns the measured output voltage by the VOUT_MODE command.
This read-only command has two data bytes and is formatted in Linear_16u format.
READ_IIN
The READ_IIN command returns the input current, in Amperes, as measured across the input current sense resistor
(see also MFR_IIN_CAL_GAIN).
This read-only command has two data bytes and is formatted in Linear_5s_11s format.
READ_IOUT
The READ_IOUT command returns the average output current in amperes. The IOUT value is a function of:
a) the differential voltage measured across the ISENSE pins
b) the MFR_IOUT_CAL_GAIN value
c) the MFR_IOUT_CAL_GAIN_TC value, and
d) READ_TEMPERATURE_1 value
e) The MFR_TEMP_1_GAIN and the MFR_TEMP_1_OFFSET
This read-only command has two data bytes and is formatted in Linear_5s_11s format.
READ_TEMPERATURE_1
The READ_TEMPERATURE_1 command returns the temperature, in degrees Celsius, of the power stage sense element.
This read-only command has two data bytes and is formatted in Linear_5s_11s format.
READ_TEMPERATURE_2
The READ_TEMPERATURE_2 command returns the LTM4664A’s die temperature, in degrees Celsius, of the internal
sense element.
This read-only command has two data bytes and is formatted in Linear_5s_11s format.
READ_FREQUENCY
The READ_FREQUENCY command is a reading of the PWM switching frequency in kHz.
This read-only command has 2 data bytes and is formatted in Linear_5s_11s format.
READ_POUT
The READ_POUT command is a reading of the DC/DC converter output power in Watts. POUT is calculated based on
the most recent correlated output voltage and current reading.
This read-only command has 2 data bytes and is formatted in Linear_5s_11s format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com