Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 126 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 126 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 122Page - Analog Devices LTM4664 Datasheet HTML 123Page - Analog Devices LTM4664 Datasheet HTML 124Page - Analog Devices LTM4664 Datasheet HTML 125Page - Analog Devices LTM4664 Datasheet HTML 126Page - Analog Devices LTM4664 Datasheet HTML 127Page - Analog Devices LTM4664 Datasheet HTML 128Page - Analog Devices LTM4664 Datasheet HTML 129Page - Analog Devices LTM4664 Datasheet HTML 130Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 138 page
background image
LTM4664A
126
Rev. 0
For more information www.analog.com
TELEMETRY
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED FORMAT UNITS
NVM
DEFAULT
VALUE
READ_VIN
0x88 Measured input supply voltage.
R Word
N
L11
V
NA
READ_IIN
0x89 Measured input supply current.
R Word
N
L11
A
NA
READ_VOUT
0x8B Measured output voltage.
R Word
Y
L16
V
NA
READ_IOUT
0x8C Measured output current.
R Word
Y
L11
A
NA
READ_TEMPERATURE_1
0x8D Power stage diode junction temperature. This
is the value used for all temperature related
processing, including MFR_IOUT_CAL_GAIN.
R Word
Y
L11
C
NA
READ_TEMPERATURE_2
0x8E Power stage junction temperature. Does not
affect any other commands.
R Word
N
L11
C
NA
READ_FREQUENCY
0x95 Measured PWM switching frequency.
R Word
Y
L11
Hz
NA
READ_POUT
0x96 Calculated output power.
R Word
Y
L11
W
NA
READ_PIN
0x97 Calculated input power.
R Word
N
L11
W
NA
MFR_PIN_ACCURACY
0xAC Returns the accuracy of the READ_PIN command
R Byte
N
%
5.0%
MFR_IOUT_PEAK
0xD7 Report the maximum measured value of
READ_IOUT since last MFR_CLEAR_PEAKS.
R Word
Y
L11
A
NA
MFR_VOUT_PEAK
0xDD Maximum measured value of READ_VOUT
since last MFR_CLEAR_PEAKS.
R Word
Y
L16
V
NA
MFR_VIN_PEAK
0xDE Maximum measured value of READ_VIN since
last MFR_CLEAR_PEAKS.
R Word
N
L11
V
NA
MFR_TEMPERATURE_1_PEAK 0xDF Maximum measured value of external
Temperature (READ_TEMPERATURE_1) since
last MFR_CLEAR_PEAKS.
R Word
Y
L11
C
NA
MFR_READ_IIN_PEAK
0xE1 Maximum measured value of READ_IIN
command since last MFR_CLEAR_PEAKS.
R Word
N
L11
A
NA
MFR_READ_ICHIP
0xE4 Measured current used by the LTM4664A.
R Word
N
L11
A
NA
MFR_TEMPERATURE_2_PEAK
0xF4 Peak internal die temperature since last
MFR_CLEAR_PEAKS.
R Word
N
L11
C
NA
MFR_ADC_CONTROL
0xD8 ADC telemetry parameter selected for repeated
fast ADC read back.
R/W Byte
N
N
Reg
NA
PMBus COMMAND DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com