Electronic Components Datasheet Search
  English  ▼

X  

LTM4664 Datasheet(PDF) 128 Page - Analog Devices

Part # LTM4664
Description  30V to 58V Input, Dual 30A, Single 60A 關Module Regulator with Digital Power System Management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4664 Datasheet(HTML) 128 Page - Analog Devices

Back Button LTM4664 Datasheet HTML 124Page - Analog Devices LTM4664 Datasheet HTML 125Page - Analog Devices LTM4664 Datasheet HTML 126Page - Analog Devices LTM4664 Datasheet HTML 127Page - Analog Devices LTM4664 Datasheet HTML 128Page - Analog Devices LTM4664 Datasheet HTML 129Page - Analog Devices LTM4664 Datasheet HTML 130Page - Analog Devices LTM4664 Datasheet HTML 131Page - Analog Devices LTM4664 Datasheet HTML 132Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 138 page
background image
LTM4664A
128
Rev. 0
For more information www.analog.com
READ_PIN
The READ_PIN command is a reading of the DC/DC converter input power in Watts. PIN is calculated based on the
most recent input voltage and current reading.
This read-only command has 2 data bytes and is formatted in Linear_5s_11s format.
MFR_PIN_ACCURACY
The MFR_PIN_ACCURACY command returns the accuracy, in percent, of the value returned by the READ_PIN command.
There is one data byte. The value is 0.1% per bit which gives a range of ±0.0% to ±25.5%.
This read-only command has one data byte and is formatted as an unsigned integer.
MFR_IOUT_PEAK
The MFR_IOUT_PEAK command reports the highest current, in amperes, reported by the READ_IOUT measurement.
This command is cleared using the MFR_CLEAR_PEAKS command.
This read-only command has two data bytes and is formatted in Linear_5s_11s format.
MFR_VOUT_PEAK
The MFR_VOUT_PEAK command reports the highest voltage, in volts, reported by the READ_VOUT measurement.
This command is cleared using the MFR_CLEAR_PEAKS command.
This read-only command has two data bytes and is formatted in Linear_16u format.
MFR_VIN_PEAK
The MFR_VIN_PEAK command reports the highest voltage, in volts, reported by the READ_VIN measurement.
This command is cleared using the MFR_CLEAR_PEAKS command.
This read-only command has two data bytes and is formatted in Linear_5s_11s format.
MFR_TEMPERATURE_1_PEAK
The MFR_TEMPERATURE_1_PEAK command reports the highest temperature, in degrees Celsius, reported by the
READ_TEMPERATURE_1 measurement.
This command is cleared using the MFR_CLEAR_PEAKS command.
This read-only command has two data bytes and is formatted in Linear_5s_11s format.
MFR_READ_IIN_PEAK
The MFR_READ_IIN_PEAK command reports the highest current, in Amperes, reported by the READ_IIN measurement.
This command is cleared using the MFR_CLEAR_PEAKS command.
This command has two data bytes and is formatted in Linear_5s_11s format.
MFR_READ_ICHIP
The MFR_READ_ICHIP command returns the measured input current, in Amperes, used by the LTM4664A.
This command has two data bytes and is formatted in Linear_5s_11s format.
PMBus COMMAND DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com