Electronic Components Datasheet Search
  English  ▼

X  

TPS37 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TPS37
Description  TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS37 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS37 Datasheet HTML 28Page - Texas Instruments TPS37 Datasheet HTML 29Page - Texas Instruments TPS37 Datasheet HTML 30Page - Texas Instruments TPS37 Datasheet HTML 31Page - Texas Instruments TPS37 Datasheet HTML 32Page - Texas Instruments TPS37 Datasheet HTML 33Page - Texas Instruments TPS37 Datasheet HTML 34Page - Texas Instruments TPS37 Datasheet HTML 35Page - Texas Instruments TPS37 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
13 Device and Documentation Support
13.1 Device Nomenclature
Section 5 shows how to decode the function of the device based on its part number
Table 13-1 shows TPS37 possible voltage options per channel. Contact TI sales representatives or on TI's E2E
forum for details and availability of other options; minimum order quantities apply.
Table 13-1. Voltage Options
100 mV STEPS
400 mV STEPS
500 mV STEPS
1 V STEPS
NOMEN-
CLATURE
VOLTAGE
OPTIONS
NOMEN-
CLATURE
VOLTAGE
OPTIONS
NOMEN-
CLATURE
VOLTAGE
OPTIONS
NOMEN-
CLATURE
VOLTAGE
OPTIONS
NOMEN-
CLATURE
VOLTAGE
OPTIONS
08
800 mV
(divider
bypass)
70
7.0 V
A0
10.4 V
D0
20.5 V
F0
31.0 V
27
2.7 V
71
7.1 V
A1
10.8 V
D1
21.0 V
F1
32.0 V
28
2.8 V
72
7.2 V
A2
11.2 V
D2
21.5 V
F2
33.0 V
29
2.9 V
73
7.3 V
A3
11.6 V
D3
22.0 V
F3
34.0 V
30
3.0 V
74
7.4 V
A4
12.0 V
D4
22.5 V
F4
35.0 V
31
3.1 V
75
7.5 V
A5
12.4 V
D5
23.0 V
F5
36.0 V
32
3.2 V
76
7.6 V
A6
12.8 V
D6
23.5 V
33
3.3 V
77
7.7 V
A7
13.2 V
D7
24.0 V
34
3.4 V
78
7.8 V
A8
13.6 V
D8
24.5 V
35
3.5 V
79
7.9 V
A9
14.0 V
D9
25.0 V
36
3.6 V
80
8.0 V
B0
14.4 V
E0
25.5 V
37
3.7 V
81
8.1 V
B1
14.8 V
E1
26.0 V
38
3.8 V
82
8.2 V
B2
15.2 V
E2
26.5 V
39
3.9 V
83
8.3 V
B3
15.6 V
E3
27.0 V
40
4.0 V
84
8.4 V
B4
16.0 V
E4
27.5 V
41
4.1 V
85
8.5 V
B5
16.4 V
E5
28.0 V
42
4.2 V
86
8.6 V
B6
16.8 V
E6
28.5 V
43
4.3 V
87
8.7 V
B7
17.2 V
E7
29.0 V
44
4.4 V
88
8.8 V
B8
17.6 V
E8
29.5 V
45
4.5 V
89
8.9 V
B9
18.0 V
E9
30.0 V
46
4.6 V
90
9.0 V
C0
18.4 V
47
4.7 V
91
9.1 V
C1
18.8 V
48
4.8 V
92
9.2 V
C2
19.2 V
49
4.9 V
93
9.3 V
C3
19.6 V
50
5.0 V
94
9.4 V
C4
20.0 V
51
5.1 V
95
9.5 V
52
5.2 V
96
9.6 V
53
5.3 V
97
9.7 V
54
5.4 V
98
9.8 V
55
5.5 V
99
9.9 V
56
5.6 V
00
10.0 V
57
5.7 V
58
5.8 V
59
5.9 V
60
6.0 V
61
6.1 V
TPS37
SNVSBJ1D – OCTOBER 2020 – REVISED DECEMBER 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com