Electronic Components Datasheet Search
  English  ▼

X  

TPS37 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS37
Description  TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS37 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS37 Datasheet HTML 4Page - Texas Instruments TPS37 Datasheet HTML 5Page - Texas Instruments TPS37 Datasheet HTML 6Page - Texas Instruments TPS37 Datasheet HTML 7Page - Texas Instruments TPS37 Datasheet HTML 8Page - Texas Instruments TPS37 Datasheet HTML 9Page - Texas Instruments TPS37 Datasheet HTML 10Page - Texas Instruments TPS37 Datasheet HTML 11Page - Texas Instruments TPS37 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
7.5 Electrical Characteristics (continued)
At VDD(MIN) ≤ VDD ≤ VDD (MAX), CTR1/MR = CTR2/MR = CTS1 = CTS2 = open, output reset pull-up resistor RPU = 10 kΩ,
voltage VPU = 5.5 V, and load CLOAD = 10 pF. The operating free-air temperature range TA = – 40°C to 125°C, unless
otherwise noted. Typical values are at TA = 25°C and VDD = 16 V and VIT = 6.5 V (VIT refers to VITN or VITP).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Capacitor Timing (CTS, CTR)
RCTR
Internal resistance
(CTR1 / MR , CTR2 / MR )
877
1000
1147
Kohms
RCTS
Internal resistance
(CTS1, CTS2)
88
100
122
Kohms
Manual Reset (MR)
VMR_IH
CTR1 / MR and
CTR2 / MR pin
logic high input
VDD = 2.7 V
2200
mV
VMR_IH
CTR1 / MR and
CTR2 / MR pin
logic high input
VDD = 65 V
2500
mV
VMR_IL
CTR1 / MR and
CTR2 / MR pin
logic low input
VDD = 2.7 V
1300
mV
VMR_IL
CTR1 / MR and
CTR2 / MR pin
logic low input
VDD = 65 V
1300
mV
(1)
When VDD voltage falls below UVLO, reset is asserted for Output 1 and Output 2. VDD slew rate ≤ 100 mV / µs
(2)
VPOR is the minimum VDD voltage for a controlled output state. Below VPOR, the output cannot be determined. VDD dv/dt ≤ 100mV/µs
(3)
For adjustable voltage guidelines and resistor selection refer to Adjustable Voltage Thresholds in Application and Implementation
section
(4)
Hysteresis is with respect to VITP and VITN voltage threshold. VITP has negative hysteresis and VITN has positive hysteresis.
(5)
For VOH and VOL relation to output variants refer to Timing Figures after the Timing Requirement Table
TPS37
SNVSBJ1D – OCTOBER 2020 – REVISED DECEMBER 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com