Electronic Components Datasheet Search
  English  ▼

X  

TPS37 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TPS37
Description  TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS37 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TPS37 Datasheet HTML 27Page - Texas Instruments TPS37 Datasheet HTML 28Page - Texas Instruments TPS37 Datasheet HTML 29Page - Texas Instruments TPS37 Datasheet HTML 30Page - Texas Instruments TPS37 Datasheet HTML 31Page - Texas Instruments TPS37 Datasheet HTML 32Page - Texas Instruments TPS37 Datasheet HTML 33Page - Texas Instruments TPS37 Datasheet HTML 34Page - Texas Instruments TPS37 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
The DYY layout example in Figure 12-2 shows how the TPS37 is laid out on a printed circuit board (PCB) with
user-defined delays.
Monitored Voltage
Overvoltage Flag
CVDD
2
3
12
4
11
5
10
14
GND
RPU2
1
VDD
RPU1
Undervoltage Flag
TPS37
Monitored Voltage
V
PULL-UP
V
PULL-UP
6
7
9
8
DYY Package
GND
13
GND
CSENSE1
CSENSE2
NC
NC
NC
Vias used to connect pins for application-specific connections
Figure 12-2. TPS37 DYY Package Recommended Layout
12.3 Creepage Distance
Per IEC 60664 Creepage is the shortest distance between two conductive parts or as shown in Figure 12-3 the
distance between high voltage conductive parts and grounded parts, the floating conductive part is ignored and
subtracted from the total distance.
a
b
B
A
C
Figure 12-3. Creepage Distance
Figure 12-3 details:
• A = Left pins (high voltage)
• B = Central pad (not internally connected, can be left floating or connected to GND)
• C = Right pins (low voltage)
• Creepage distance = a + b
www.ti.com
TPS37
SNVSBJ1D – OCTOBER 2020 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TPS37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com