Electronic Components Datasheet Search
  English  ▼

X  

TPS37 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS37
Description  TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS37 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS37 Datasheet HTML 12Page - Texas Instruments TPS37 Datasheet HTML 13Page - Texas Instruments TPS37 Datasheet HTML 14Page - Texas Instruments TPS37 Datasheet HTML 15Page - Texas Instruments TPS37 Datasheet HTML 16Page - Texas Instruments TPS37 Datasheet HTML 17Page - Texas Instruments TPS37 Datasheet HTML 18Page - Texas Instruments TPS37 Datasheet HTML 19Page - Texas Instruments TPS37 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
8.3 Feature Description
8.3.1 Input Voltage (VDD)
VDD operating voltage ranges from 2.7 V to 65 V. An input supply capacitor is not required for this device;
however, if the input supply is noisy good analog practice is to place a 0.1 µF capacitor between the VDD and
GND.
VDD needs to be at or above VDD(MIN) for at least the start-up time delay (tSD) for the device to be fully functional.
VDD voltage is independent of VSENSE and VRESET, meaning that VDD can be higher or lower than the other
pins.
8.3.1.1 Undervoltage Lockout (VPOR < VDD < UVLO)
When the voltage on VDD is less than the UVLO voltage, but greater than the power-on reset voltage (VPOR),
the output pins will be in reset, regardless of the voltage at SENSE pins.
8.3.1.2 Power-On Reset (VDD < VPOR )
When the voltage on VDD is lower than the power on reset voltage (VPOR), the output signal is undefined and is
not to be relied upon for proper device function.
VSENSEx
SENSE VOLTAGE OUTSIDE OF THRESHOLD
VITN > VSENSEx > VITP
Undefined
tSD+tCTRx
Undefined
Output stays low since VSENSEx
is outside of threshold
VDD
VDD(MIN)
UVLO(MIN)
VPOR
VOL
VOL
RESETx
Active Low
RESETx
Active High
Figure 8-2. Power Cycle (SENSE Outside of Nominal voltage) 2
2 Figure assumes an external pull-up resistor is connected to the reset pin via VDD
TPS37
SNVSBJ1D – OCTOBER 2020 – REVISED DECEMBER 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com