Electronic Components Datasheet Search
  English  ▼

X  

TPS37 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS37
Description  TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS37 Datasheet(HTML) 1 Page - Texas Instruments

  TPS37 Datasheet HTML 1Page - Texas Instruments TPS37 Datasheet HTML 2Page - Texas Instruments TPS37 Datasheet HTML 3Page - Texas Instruments TPS37 Datasheet HTML 4Page - Texas Instruments TPS37 Datasheet HTML 5Page - Texas Instruments TPS37 Datasheet HTML 6Page - Texas Instruments TPS37 Datasheet HTML 7Page - Texas Instruments TPS37 Datasheet HTML 8Page - Texas Instruments TPS37 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector
with Programmable Sense and Reset Delay Function
1 Features
• Wide supply voltage range: 2.7 V to 65 V
• SENSE and RESET pins are 65 V graded
• Low quiescent current: 1 µA (typical)
• Flexible and wide voltage threshold options
Table 13-1
– 2.7 V to 36 V (1.5% maximum accuracy)
– 800 mV option (1% maximum accuracy)
• Built-in hysteresis (VHYS)
– Percentage options: 2% to 13% (1% steps)
– Fixed options: VTH < 8 V = 0.5 V, 1 V, 1.5 V,
2 V, 2.5 V
• Programmable reset time delay
– 10 nF = 12.8 ms, 10 μF = 12.8 s
• Programmable sense time delay
– 10 nF = 1.28 ms, 10 μF = 1.28 s
• Manual Reset (MR) feature
• Output reset latching feature
• Output topology: Open-Drain or Push-Pull
2 Applications
• Analog input module
• CPU (PLC controller)
• Servo drive control module
• Servo drive power stage module
• Servo drive functional safety module
• HVAC valve and actuator control
3 Description
The TPS37 is a family of wide input range and
low quiescent current window supervisors for fast
detection of overvoltage (OV) and undervoltage
(UV) conditions. Each device includes a precision
internal reference, two independent and configurable
voltage comparators and integrated resistor dividers.
The TPS37 can be connected directly to and
monitor 12 V / 24 V supply rails in a variety of
industrial applications including factory automation,
motor drives, building automation and others. Built-in
hysteresis on the SENSE pins prevents false reset
signals when monitoring a supply voltage rail.
The
separate
VDD
and
SENSE
pins
allow
redundancy
sought
by
high-reliability
systems.
SENSE is decoupled from VDD and can monitor
higher and lower voltages than VDD. Optional use
of external resistors are supported by the high
impedance input of the SENSE pins. CTSx and CTRx
pins allow delay adjustability on the rising and falling
edges of the RESET signals. Also, CTSx functions
as a debouncer by ignoring voltage glitches on the
monitored voltage rails; CTRx operates as a manual
reset (MR) that can be used to force a system reset.
TPS37 is available in a WSON or SOT-23 package.
The central pad is non-conductive to increase the
creepage between VDD and GND per guidelines in
IEC60664. TPS37 operates over –40°C to +125°C TA.
Device Information
PART NUMBER
PACKAGE (1)
BODY SIZE (NOM)
TPS37
WSON (10) (DSK)
2.5 mm × 2.5 mm
TPS37
SOT-23 (14) (DYY) (2)
4.1 mm × 1.9 mm
(1)
For package details, see the mechanical drawing addendum
at the end of the data sheet.
(2)
Product Preview
MCU
RESET1
RESET2
SENSE1
SENSE2
VDD
VDD
TPS37
24V
Power Switch
or
DC/DC
LDO
SENSE1 = Overvoltage monitor
SENSE2 = Undervoltage monitor
EN
Typical Application Circuit
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
-40oC
25oC
125oC
Typical IDD vs VDD
TPS37
SNVSBJ1D – OCTOBER 2020 – REVISED DECEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS37

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS37 TI-TPS37 Datasheet
4Mb / 42P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
SEPTEMBER 2021
TPS37 TI-TPS37 Datasheet
4Mb / 42P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
SEPTEMBER 2021
TPS37 TI-TPS37 Datasheet
5Mb / 44P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
SEPTEMBER 2021
TPS37 TI-TPS37 Datasheet
5Mb / 48P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
DECEMBER 2021
TPS37 TI-TPS37 Datasheet
5Mb / 48P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
DECEMBER 2021
More results

Similar Description - TPS37

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS37 TI-TPS37 Datasheet
4Mb / 42P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
SEPTEMBER 2021
TPS37-Q1 TI-TPS37-Q1 Datasheet
4Mb / 42P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
SEPTEMBER 2021
TPS37-Q1 TI-TPS37-Q1_V01 Datasheet
5Mb / 44P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
SEPTEMBER 2021
TPS37-Q1 TI-TPS37-Q1_V02 Datasheet
5Mb / 48P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
DECEMBER 2021
TPS37 TI-TPS37_V02 Datasheet
5Mb / 48P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
DECEMBER 2021
TPS38 TI-TPS38 Datasheet
4Mb / 49P
TPS38 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function
APRIL 2022
TPS38-Q1 TI-TPS38-Q1_V02 Datasheet
4Mb / 53P
TPS38-Q1 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function for Automotive
DECEMBER 2021
TPS37-Q1 TI1-TPS37-Q1_V03 Datasheet
3Mb / 45P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
REVISED JULY 2023
TPS37 TI1-TPS37_V03 Datasheet
2Mb / 44P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
REVISED AUGUST 2023
TPS37-Q1 TI-TPS37-Q1_V04 Datasheet
3Mb / 47P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com