Electronic Components Datasheet Search
  English  ▼

X  

TPS37 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS37
Description  TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS37 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS37 Datasheet HTML 14Page - Texas Instruments TPS37 Datasheet HTML 15Page - Texas Instruments TPS37 Datasheet HTML 16Page - Texas Instruments TPS37 Datasheet HTML 17Page - Texas Instruments TPS37 Datasheet HTML 18Page - Texas Instruments TPS37 Datasheet HTML 19Page - Texas Instruments TPS37 Datasheet HTML 20Page - Texas Instruments TPS37 Datasheet HTML 21Page - Texas Instruments TPS37 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
8.3.2 SENSE
The TPS37 high voltage family integrates two voltage comparators, a precision reference voltage and trimmed
resistor divider. This configuration optimizes device accuracy because all resistor tolerances are accounted for
in the accuracy and performance specifications. Device also has built-in hysteresis that provides noise immunity
and ensures stable operation.
Channels are independent of each other, meaning that SENSE1 and SENSE2 and respective outputs can be
connected to different voltage rails.
Although not required in most cases, for noisy applications good analog design practice is to place a 10 nF to
100 nF bypass capacitor at the SENSEx inputs in order to reduce sensitivity to transient voltages on the
monitored signal. SENSE1 and SENSE2 pins can be connected directly to VDD pin.
8.3.2.1 SENSE Hysteresis
Built-in hysteresis to avoid erroneous output reset release. The hysteresis is opposite to the threshold voltage;
for overvoltage options the hysteresis is subtracted from the positive threshold (VITP), for undervoltage options
hysteresis is added to the negative threshold (VITN).
V
RESETx
V
SENSEx
VITP - VHYS VITP
Figure 8-4. Hysteresis (Overvoltage Active-Low)
V
RESETx
V
SENSEx
VITP - VHYS VITP
Figure 8-5. Hysteresis (Overvoltage Active-High)
V
RESETx
V
SENSEx
VITN
VITN+VHYS
Figure 8-6. Hysteresis (Undervoltage Active-High)
V
RESETx
V
SENSEx
VITN
VITN+VHYS
Figure 8-7. Hysteresis (Undervoltage Active-Low)
TPS37
SNVSBJ1D – OCTOBER 2020 – REVISED DECEMBER 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com