Electronic Components Datasheet Search
  English  ▼

X  

TPS37 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TPS37
Description  TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS37 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS37 Datasheet HTML 21Page - Texas Instruments TPS37 Datasheet HTML 22Page - Texas Instruments TPS37 Datasheet HTML 23Page - Texas Instruments TPS37 Datasheet HTML 24Page - Texas Instruments TPS37 Datasheet HTML 25Page - Texas Instruments TPS37 Datasheet HTML 26Page - Texas Instruments TPS37 Datasheet HTML 27Page - Texas Instruments TPS37 Datasheet HTML 28Page - Texas Instruments TPS37 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
10 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
10.1 Adjustable Voltage Thresholds
Equation 7 illustrates an example of how to adjust the voltage threshold with external resistor dividers. The
resistors can be calculated depending on the desired voltage threshold and device part number. TI recommends
using the 0.8 V voltage threshold device when using an adjustable voltage variant. This variant bypasses the
internal resistor ladder.
For example, consider a 12 V rail being monitored VMON for undervoltage (UV) using channel 2 of the
TPS37A010122DSKR variant. Using Equation 7 and shown in Figure 10-1, R1 is the top resistor of the resistor
divider that is between VMON and VSENSE2, R2 is the bottom resistor that is between VSENSE2 and GND, VMON is
the voltage rail that is being monitored and VSENSE2 is the input threshold voltage. The monitored UV threshold,
denoted as VMON-, where the device will assert a reset signal occurs when VSENSE2 = VIT-(UV) or, for this
example, VMON- = 10.8V which is 90% from 12 V. Using Equation 7 and assuming R2 = 10kΩ, R1 can be
calculated shown in Equation 8 where IR1 is represented in Equation 9:
VSENSE2 = VMON- × (R2 ÷ (R1 + R2))
(7)
R1 = (VMON- - VSENSE2) ÷ IR1
(8)
IR1 = IR2 = VSENSE2 ÷ R2
(9)
Substituting Equation 9 into Equation 8 and solving for R1 in Equation 7, R1 = 125kΩ. The TPS37A010122DSKR
is typically meant to monitor a 0.8 V rail with ±2% voltage threshold hysteresis. For the reset signal to become
deasserted, VMON would need to go above VIT- + VHYS. For this example, VMON = 11.016 V when the reset signal
becomes deasserted.
There are inaccuracies that must be taken into consideration while adjusting voltage thresholds. Aside from the
tolerance of the resistor divider, there is an internal resistance of the SENSE pin that may affect the accuracy
of the resistor divider. Although expected to be very high impedance, users are recommended to calculate the
values for the design specifications. The internal SENSE resistance RSENSE can be calculated by the SENSE
voltage VSENSE divided by the SENSE current ISENSE as shown in Equation 11. VSENSE can be calculated using
Equation 7 depending on the resistor divider and monitored voltage. ISENSE can be calculated using Equation 10.
ISENSE = [(VMON - VSENSE) ÷ R1] - (VSENSE ÷ R2)
(10)
RSENSE = VSENSE ÷ ISENSE
(11)
TPS37A
SENSE1
RESET1
VDD
VDD
VDD
R2
10 k
R1
V
MON
V
SENSE2
GND
SENSE2
R4
R3
V
MON
V
SENSE1
CTS1
CTS2
RESET2
CTR2
CTR1
10 k
VDD
Figure 10-1. Adjustable Voltage Threshold with External Resistor Dividers
www.ti.com
TPS37
SNVSBJ1D – OCTOBER 2020 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TPS37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com