Electronic Components Datasheet Search
  English  ▼

X  

TPS37 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TPS37
Description  TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS37 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TPS37 Datasheet HTML 40Page - Texas Instruments TPS37 Datasheet HTML 41Page - Texas Instruments TPS37 Datasheet HTML 42Page - Texas Instruments TPS37 Datasheet HTML 43Page - Texas Instruments TPS37 Datasheet HTML 44Page - Texas Instruments TPS37 Datasheet HTML 45Page - Texas Instruments TPS37 Datasheet HTML 46Page - Texas Instruments TPS37 Datasheet HTML 47Page - Texas Instruments TPS37 Datasheet HTML 48Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
10X (0.25)
10X (0.6)
8X (0.5)
(0.89)
(1.13)
(2.3)
(R0.05) TYP
WSON - 0.8 mm max height
DSK0010A
PLASTIC SMALL OUTLINE - NO LEAD
4218903/B 10/2020
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
11
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
EXPOSED PAD 11
84% PRINTED SOLDER COVERAGE BY AREA
SCALE:20X
SYMM
1
5
6
10
SYMM
METAL
TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com