Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 7 Page - Analog Devices

Part # LT8640
Description  18V, 10A Synchronous Step-Down Silent Switcher
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT8640 Datasheet HTML 3Page - Analog Devices LT8640 Datasheet HTML 4Page - Analog Devices LT8640 Datasheet HTML 5Page - Analog Devices LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices LT8640 Datasheet HTML 10Page - Analog Devices LT8640 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LT8642-1
7
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
RT Programmed Switching
Frequency
Minimum Input Voltage
Bias Pin Current vs VIN
Bias Pin Current vs Frequency
CLKOUT Waveforms
Switching Waveforms, Full
Frequency Continuous Operation
Switching Waveforms,
Burst Mode Operation
Case Temperature Rise
Switching Rising Edge
SWITCHING FREQUENCY (MHz)
0.2
150
200
250
1.8
86421 G25
100
50
125
175
225
75
25
0
0.6
1
1.4
2.2
2.6
3
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
2.0
2.2
2.4
2.6
2.8
3.0
3.2
86421 G26
VBIAS = 5V
VOUT = 1.2V
fSW = 2MHz
FC MODE
INPUT VOLTAGE (V)
4
6
8
10
12
14
16
18
16.0
16.5
17.0
17.5
18.0
18.5
19.0
86421 G27
VBIAS = 5V
VOUT = 1.2V
VIN = 12V
FC MODE
SWITCHING FREQUENCY (MHz)
0.2
0.6
1
1.4
1.8
2.2
2.6
3.0
0
5
10
15
20
25
30
86421 G28
DEMO BOARD ON STILL AIR
VIN = 12V
VBIAS = 3.3V
VOUT = 1.2V
fSW = 1MHz
fSW = 2MHz
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
9 10
0
10
20
30
40
50
60
86421 G29
VIN = 12V
ILOAD = 2A
2ns/DIV
VSW
2V/DIV
86421 G30
200ns/DIV
VCLKOUT
2V/DIV
VSW
5V/DIV
86421 G31
fSW = 2MHz
FC MODE
FRONT PAGE APPLICATION
12VIN TO 1.2VOUT AT 3A
500ns/DIV
IL
1A/DIV
VSW
5V/DIV
86421 G32
FRONT PAGE APPLICATION
12VIN TO 1.2VOUT AT 100mA
VSYNC = 0V
5µs/DIV
IL
2A/DIV
VSW
5V/DIV
86421 G33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com