Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 18 Page - Analog Devices

Part # LT8640
Description  18V, 10A Synchronous Step-Down Silent Switcher
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT8640 Datasheet HTML 14Page - Analog Devices LT8640 Datasheet HTML 15Page - Analog Devices LT8640 Datasheet HTML 16Page - Analog Devices LT8640 Datasheet HTML 17Page - Analog Devices LT8640 Datasheet HTML 18Page - Analog Devices LT8640 Datasheet HTML 19Page - Analog Devices LT8640 Datasheet HTML 20Page - Analog Devices LT8640 Datasheet HTML 21Page - Analog Devices LT8640 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LT8642-1
18
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
where DC is the duty cycle ratio (VOUT/VIN) and fSW is the
switching frequency.
Input Capacitors
The VIN of the LT8642-1 should be bypassed with at least
three ceramic capacitors for best performance. Two small
ceramic capacitors of <1µF should be placed close to the
part; one on each side of the device (CIN1, CIN2). These
capacitors should be 0402 or 0603 in size. For automotive
applications requiring 2 series input capacitors, two small
0402 or 0603 may be placed at each side of the LT8642-1
near the VIN and GND pins.
A third, larger ceramic capacitor of 4.7µF or larger should
be placed close to CIN1 or CIN2. See layout section for more
detail. X7R or X5R capacitors are recommended for best per-
formance across temperature and input voltage variations.
Note that larger input capacitance is required when a lower
switching frequency is used. If the input power source has
high impedance, or there is significant inductance due to
long wires or cables, additional bulk capacitance may be
necessary. This can be provided with a low performance
electrolytic capacitor.
A ceramic input capacitor combined with trace or cable
inductance forms a high quality (under damped) tank
circuit. If the LT8642-1 circuit is plugged into a live sup-
ply, the input voltage can ring to twice its nominal value,
possibly exceeding the LT8642-1’s voltage rating. This
situation is easily avoided (see Analog Devices Application
Note 88).
Output Capacitor and Output Ripple
The output capacitor has two essential functions. Along
with the inductor, it filters the square wave generated by
the LT8642-1 to produce the DC output. In this role it
determines the output ripple, thus low impedance at the
switching frequency is important. The second function
is to store energy in order to satisfy transient loads and
stabilize the LT8642-1’s control loop. Ceramic capacitors
have very low equivalent series resistance (ESR) and pro-
vide the best ripple performance. For good starting val-
ues, see the Typical Applications section.
Use X5R or X7R types. This choice will provide low out-
put ripple and good transient response. Transient perfor-
mance can be improved with a higher value output capac-
itor and the addition of a feedforward capacitor placed
between VOUT and FB. Increasing the output capacitance
will also decrease the output voltage ripple. A lower value
of output capacitor can be used to save space and cost
but transient performance will suffer and may cause loop
instability. See the Typical Applications in this data sheet
for suggested capacitor values.
When choosing a capacitor, special attention should be
given to the data sheet to calculate the effective capaci-
tance under the relevant operating conditions of voltage
bias and temperature. A physically larger capacitor or one
with a higher voltage rating may be required.
Ceramic Capacitors
Ceramic capacitors are small, robust and have very low
ESR. However, ceramic capacitors can cause problems
when used with the LT8642-1 due to their piezoelectric
nature. When in Burst Mode operation, the LT8642-1’s
switching frequency depends on the load current, and
at very light loads the LT8642-1 can excite the ceramic
capacitor at audio frequencies, generating audible noise.
Since the LT8642-1 operates at a lower current limit
during Burst Mode operation, the noise is typically very
quiet to a casual ear. If this is unacceptable, use a high
performance tantalum or electrolytic capacitor at the out-
put. Low noise ceramic capacitors are also available.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LT8642-1. As
previously mentioned, a ceramic input capacitor com-
bined with trace or cable inductance forms a high quality
(underdamped) tank circuit. If the LT8642-1 circuit is
plugged into a live supply, the input voltage can ring to
twice its nominal value, possibly exceeding the LT8642-
1’s rating. This situation is easily avoided (see Analog
Devices Application Note 88).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com