Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 11 Page - Analog Devices

Part # LT8640
Description  18V, 10A Synchronous Step-Down Silent Switcher
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices LT8640 Datasheet HTML 10Page - Analog Devices LT8640 Datasheet HTML 11Page - Analog Devices LT8640 Datasheet HTML 12Page - Analog Devices LT8640 Datasheet HTML 13Page - Analog Devices LT8640 Datasheet HTML 14Page - Analog Devices LT8640 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LT8642-1
11
Rev. 0
For more information www.analog.com
and the internal reference resumes control of the error
amplifier. An internal 1.9µA pull-up current from INTVCC
on this pin allows a capacitor to program output voltage
slew rate. This pin is pulled to ground with an internal
200Ω MOSFET during shutdown and fault conditions; use
a series resistor if driving from a low impedance output.
This pin may be left floating if the soft-start feature is not
being used.
VC (Pin 19): The VC pin is the output of the internal error
amplifier. The voltage on this pin controls the peak switch
current. Tie an RC network from this pin to ground to
compensate the control loop.
FB (Pin 20): The LT8642-1 regulates the FB pin to 0.597V.
Connect the feedback resistor divider tap to this pin. Also,
connect a phase lead capacitor between FB and VOUT.
Typically, this capacitor is 4.7pF to 47pF.
Corner Pins: These pins are for mechanical support only
and can be tied anywhere on the PCB, typically ground.
PIN FUNCTIONS
BLOCK DIAGRAM
86421 BD
+
+
–
SLOPE COMP
INTERNAL 0.597V REF
OSCILLATOR
200kHz TO 3MHz
BURST
DETECT
3.4V
REG
M1
M2
CBST
COUT
VOUT
SW
8–10
L
BST
SWITCH LOGIC
AND
ANTI-SHOOT
THROUGH
ERROR
AMP
SHDN
±8%
SHDN
THERMAL SHDN
INTVCC UVLO
VIN UVLO
SHDN
THERMAL SHDN
VIN UVLO
EN/UV
0.99V
+
–
14
7
INTVCC
3
BIAS
2
VIN
12, 13
GND
6, 11, 21
CLKOUT
PG
1
VC
FB
R1
C1
R3
OPT
R4
OPT
R2
RT
CSS
OPT
VOUT
20
SS
1.9µA
60k
18
RT
17
SYNC/MODE
INTVCC
15
VIN
4, 5
VIN
CIN1
CIN3
16
CIN2
CVCC
19
600k
RC
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com