Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 10 Page - Analog Devices

Part # LT8640
Description  18V, 10A Synchronous Step-Down Silent Switcher
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices LT8640 Datasheet HTML 10Page - Analog Devices LT8640 Datasheet HTML 11Page - Analog Devices LT8640 Datasheet HTML 12Page - Analog Devices LT8640 Datasheet HTML 13Page - Analog Devices LT8640 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LT8642-1
10
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
PG (Pin 1): The PG pin is the open-drain output of an
internal comparator. PG remains low until the FB pin is
within ±8% of the final regulation voltage, and there are
no fault conditions. PG is also pulled low when EN/UV is
below 1V, INTVCC has fallen too low, VIN is too low, or
thermal shutdown. PG is valid when VIN is above 2.8V.
BIAS (Pin 2): The internal regulator will draw current from
BIAS instead of VIN when BIAS is tied to a voltage higher
than 3.1V. For output voltages of 3.3V and above this pin
should be tied to VOUT. If this pin is tied to a supply other
than VOUT use a 1µF local bypass capacitor on this pin. If
no supply is available, tie to GND. However, especially for
high input or high frequency applications, BIAS should be
tied to output or external supply of 3.3V or above.
INTVCC (Pin 3): Internal 3.4V Regulator Bypass Pin. The
internal power drivers and control circuits are powered
from this voltage. Do not load the INTVCC pin with external
circuitry. INTVCC current will be supplied from BIAS if BIAS
> 3.1V, otherwise current will be drawn from VIN. Voltage
on INTVCC will vary between 2.8V and 3.4V when BIAS is
between 3.0V and 3.6V. Place a low ESR ceramic capacitor
of at least 1μF from this pin to ground close to the IC.
VIN (Pins 4, 5, 12, 13): The VIN pins supply current to
the LT8642-1 internal circuitry and to the internal topside
power switch. The LT8642-1 requires the use of multiple
VIN bypass capacitors. Two small 1µF capacitors should
be placed as close as possible to the LT8642-1, one
capacitor on each side of the device (CIN1, CIN2). A third
capacitor with a larger value, 4.7µF or higher, should be
placed near CIN1 or CIN2. See Applications Information
section for sample layout.
GND (Pins 6, 11, Exposed Pad Pin 21): Ground. Place
the negative terminal of the input capacitor as close to
the GND pins as possible. The exposed pads should be
soldered to the PCB for good thermal performance. If
necessary due to manufacturing limitations Pin 21 may
be left disconnected, however thermal performance will
be degraded.
BST (Pin 7): This pin is used to provide a drive voltage,
higher than the input voltage, to the topside power switch.
Place a 47nF boost capacitor as close as possible to the IC.
SW (Pins 8–10): The SW pins are the outputs of the inter-
nal power switches. Tie these pins together and connect
them to the inductor. This node should be kept small on
the PCB for good performance and low EMI.
EN/UV (Pin 14): The LT8642-1 is shut down when this
pin is low and active when this pin is high. The hyster-
etic threshold voltage is 0.99V going up and 0.95V going
down. Tie to VIN if the shutdown feature is not used. An
external resistor divider from VIN can be used to program
a VIN threshold below which the LT8642-1 will shut down.
SYNC/MODE (Pin 15): For the LT8642-1, this pin
programs four different operating modes: (1) Burst
Mode operation. Tie this pin to ground for Burst Mode
operation at low output loads—this will result in low
quiescent current. (2) Forced Continuous mode (FCM).
This mode offers fast transient response and full
frequency operation over a wide load range. Float this
pin for FCM. When floating, pin leakage currents should
be <1µA. See Block Diagram for internal pull-up and pull-
down resistance. (3) Spread spectrum mode. Tie this pin
high to INTVCC (or >3V) for forced continuous mode with
spread-spectrum modulation. 4) Synchronization mode.
Drive this pin with a clock source to synchronize to an
external frequency. During synchronization the part will
operate in forced continuous mode.
CLKOUT (Pin 16): In forced continuous mode, spread
spectrum, and synchronization modes, the CLKOUT pin
will provide a ~200ns wide pulse at the switch frequency.
The low and high levels of the CLKOUT pin are ground and
INTVCC respectively, and the drive strength of the CLKOUT
pin is several hundred ohms. In Burst Mode operation,
the CLKOUT pin will be low. Float this pin if the CLKOUT
function is not used.
RT (Pin 17): A resistor is tied between RT and ground to
set the switching frequency.
SS (Pin 18): Output Tracking and Soft-Start Pin. This pin
allows user control of output voltage ramp rate during
start-up. A SS voltage below 1V forces the LT8642-1 to
regulate the FB pin to a function of the SS pin voltage. See
plot in the Typical Performance Characteristics section.
When SS is above 1V, the tracking function is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com