Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 22 Page - Analog Devices

Part # LT8640
Description  18V, 10A Synchronous Step-Down Silent Switcher
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 22 Page - Analog Devices

Back Button LT8640 Datasheet HTML 18Page - Analog Devices LT8640 Datasheet HTML 19Page - Analog Devices LT8640 Datasheet HTML 20Page - Analog Devices LT8640 Datasheet HTML 21Page - Analog Devices LT8640 Datasheet HTML 22Page - Analog Devices LT8640 Datasheet HTML 23Page - Analog Devices LT8640 Datasheet HTML 24Page - Analog Devices LT8640 Datasheet HTML 25Page - Analog Devices LT8640 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LT8642-1
22
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
The internal overtemperature protection monitors the
junction temperature of the LT8642-1. If the junction
temperature reaches approximately 165°C, the LT8642-1
will stop switching and indicate a fault condition until the
temperature drops about 5°C cooler.
Temperature rise of the LT8642-1 is worst when operating
at high load, high VIN, and high switching frequency. If
the case temperature is too high for a given application,
then either VIN, switching frequency, or load current can
be decreased to reduce the temperature to an acceptable
level. Figure 8 shows examples of how case temperature
rise can be managed by reducing switching frequency
or load.
The LT8642-1’s top switch current limit decreases with
higher duty cycle operation for slope compensation. This
also limits the output current the LT8642-1 can deliver
for a given application. See curve in Typical Performance
Characteristics.
Figure 8. Case Temperature Rise
DEMO BOARD ON STILL AIR
VIN = 12V
VBIAS = 3.3V
VOUT = 1.2V
fSW = 1MHz
fSW = 2MHz
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
9 10
0
10
20
30
40
50
60
86421 F08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com