Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 14 Page - Analog Devices

Part # LT8640
Description  18V, 10A Synchronous Step-Down Silent Switcher
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 14 Page - Analog Devices

Back Button LT8640 Datasheet HTML 10Page - Analog Devices LT8640 Datasheet HTML 11Page - Analog Devices LT8640 Datasheet HTML 12Page - Analog Devices LT8640 Datasheet HTML 13Page - Analog Devices LT8640 Datasheet HTML 14Page - Analog Devices LT8640 Datasheet HTML 15Page - Analog Devices LT8640 Datasheet HTML 16Page - Analog Devices LT8640 Datasheet HTML 17Page - Analog Devices LT8640 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LT8642-1
14
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
that layer. Place a local, unbroken ground plane under the
application circuit on the layer closest to the surface layer.
The SW and BOOST nodes should be as small as possi-
ble. Finally, keep the FB and RT nodes small so that the
ground traces will shield them from the SW and BOOST
nodes. The exposed pads on the bottom of the package
should be soldered to the PCB to reduce thermal resis-
tance to ambient. To keep thermal resistance low, extend
the ground plane from GND as much as possible, and add
thermal vias to additional ground planes within the circuit
board and on the bottom side.
Burst Mode Operation
To enhance efficiency at light loads, the LT8642-1 oper-
ates in low ripple Burst Mode operation, which keeps the
output capacitor charged to the desired output voltage
while minimizing the input quiescent current and min-
imizing output voltage ripple. In Burst Mode operation
the LT8642-1 delivers single small pulses of current to
the output capacitor followed by sleep periods where the
output power is supplied by the output capacitor. While
in sleep mode the LT8642-1 consumes 230µA.
As the output load decreases, the frequency of single cur-
rent pulses decreases (see Figure 2) and the percentage
of time the LT8642-1 is in sleep mode increases, result-
ing in much higher light load efficiency than for typical
converters. By maximizing the time between pulses, the
converter quiescent current approaches 240µA for a typ-
ical application when there is no output load. Note that
the current in the feedback resistor divider appears to the
output as load current.
While in Burst Mode operation the current limit of the
top switch is approximately 2A (as shown in Figure 3),
resulting in low output voltage ripple. Increasing the
output capacitance will decrease output ripple propor-
tionally. As load ramps upward from zero the switch-
ing frequency will increase but only up to the switching
frequency programmed by the resistor at the RT pin as
shown in Figure 2.
Figure 2. SW Frequency vs Load Information
in Burst Mode Operation
FRONT PAGE APPLICATION
VIN = 12V
VOUT = 1.2V
LOAD CURRENT (A)
0 0.25 0.50 0.75 1 1.25 1.50 1.75 2
0
0.5
1.0
1.5
2.0
2.5
86421 F02
Burst Frequency
Figure 3. Burst Mode Operation
FRONT PAGE APPLICATION
12VIN TO 1.2VOUT AT 100mA
VSYNC = 0V
5µs/DIV
IL
2A/DIV
VSW
5V/DIV
86421 F03
The output load at which the LT8642-1 reaches the
programmed frequency varies based on input voltage,
output voltage and inductor choice. To select low ripple
Burst Mode operation, tie the SYNC/MODE pin below 0.4V
(this can be ground or a logic low output).
Forced Continuous Mode
The LT8642-1 can operate in forced continuous mode
(FCM) for fast transient response and full frequency
operation over a wide load range. When in FCM, the
oscillator operates continuously and positive SW tran-
sitions are aligned to the clock. Negative inductor cur-
rent is allowed at light loads or under large transient
conditions. The LT8642-1 can sink current from the
output and return this charge to the input in this mode,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com