Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 15 Page - Analog Devices

Part # LT8640
Description  18V, 10A Synchronous Step-Down Silent Switcher
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 15 Page - Analog Devices

Back Button LT8640 Datasheet HTML 11Page - Analog Devices LT8640 Datasheet HTML 12Page - Analog Devices LT8640 Datasheet HTML 13Page - Analog Devices LT8640 Datasheet HTML 14Page - Analog Devices LT8640 Datasheet HTML 15Page - Analog Devices LT8640 Datasheet HTML 16Page - Analog Devices LT8640 Datasheet HTML 17Page - Analog Devices LT8640 Datasheet HTML 18Page - Analog Devices LT8640 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
LT8642-1
15
Rev. 0
For more information www.analog.com
Figure 4. Load Step Transient Response
with and without Forced Continuous Mode
APPLICATIONS INFORMATION
improving load step transient response (see Figure 4).
At light loads, FCM operation is less efficient than Burst
Mode operation, but may be desirable in applications
where it is necessary to keep switching harmonics out
of the signal band. FCM must be used if the output is
required to sink current. To enable FCM, float the SYNC/
MODE pin. Leakage current on this pin should be <1µA.
See Block Diagram for internal pull-up and pull-down
resistance.
2MHz to 2.4MHz at a 3kHz rate. When spread spectrum
operation is selected, Burst Mode operation is disabled,
and the part will run in forced continuous mode.
Synchronization
To synchronize the LT8642-1 oscillator to an external
frequency, connect a square wave to the SYNC/MODE
pin. The square wave amplitude should have valleys that
are below 0.4V and peaks above 1.5V (up to 6V), with a
minimum on-time and off-time of 50ns.
The LT8642-1 will not enter Burst Mode operation at low
output loads while synchronized to an external clock, but
instead will run forced continuous mode to maintain regu-
lation. The LT8642-1 may be synchronized over a 200kHz
to 3MHz range. The RT resistor should be chosen to set
the LT8642-1 switching frequency equal to or below the
lowest synchronization input. For example, if the synchro-
nization signal will be 500kHz and higher, the RT should
be selected for 500kHz. The slope compensation is set
by the RT value, while the minimum slope compensation
required to avoid subharmonic oscillations is established
by the inductor size, input voltage and output voltage.
Since the synchronization frequency will not change the
slopes of the inductor current waveform, if the inductor
is large enough to avoid subharmonic oscillations at the
frequency set by RT, then the slope compensation will be
sufficient for all synchronization frequencies.
FB Resistor Network
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the resistor
values according to Equation 1.
R1= R2
VOUT
0.597V
− 1
⎛
⎝
⎜
⎞
⎠
⎟
(1)
Reference designators refer to the Block Diagram.
1% resistors are recommended to maintain output
voltage accuracy.
When using large FB resistors, a 4.7pF to 47pF phase-lead
capacitor should be connected from VOUT to FB.
FRONT PAGE APPLICATION
100mA TO 5.1A TRANSIENT
VIN = 12V, VOUT = 1.2V, fSW = 2MHz
CC = 150pF, RC = 11k
COUT = 2 x 220µF, CLEAD = 47pF
FCM
50µs/DIV
ILOAD
5A/DIV
VOUT
50mV/DIV
86421 F04
Burst Mode OPERATION
FCM is disabled if the VIN pin is held above 17.5V or if
the FB pin is held greater than 7% above the feedback
reference voltage. FCM is also disabled during soft-
start until the soft-start capacitor is fully charged (~2V).
When FCM is disabled in these ways, negative inductor
current is not allowed and the LT8642-1 operates in
pulse-skipping mode.
Spread Spectrum Mode
The LT8642-1 features spread spectrum operation to
further reduce EMI emissions. To enable spread spec-
trum operation, the SYNC/MODE pin should be tied high
to INTVCC (or >3V). In this mode, triangular frequency
modulation is used to vary the switching frequency
between the value programmed by RT to approximately
20% higher than that value. The modulation frequency
is approximately 3kHz. For example, when the LT8642-1
is programmed to 2MHz, the frequency will vary from



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com