Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 20 Page - Analog Devices

Part # LT8640
Description  18V, 10A Synchronous Step-Down Silent Switcher
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT8640 Datasheet HTML 16Page - Analog Devices LT8640 Datasheet HTML 17Page - Analog Devices LT8640 Datasheet HTML 18Page - Analog Devices LT8640 Datasheet HTML 19Page - Analog Devices LT8640 Datasheet HTML 20Page - Analog Devices LT8640 Datasheet HTML 21Page - Analog Devices LT8640 Datasheet HTML 22Page - Analog Devices LT8640 Datasheet HTML 23Page - Analog Devices LT8640 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
reference input to the error amplifier, thus regulating the
FB pin voltage to a function of the SS pin. See plot in
Typical Performance Characteristics section. When SS is
above 1V, tracking is disabled and the feedback voltage
will regulate to the internal reference voltage. The SS pin
may be left floating if the function is not needed.
An active pull-down circuit is connected to the SS pin
which will discharge the external soft-start capacitor in
the case of fault conditions and restart the ramp when the
faults are cleared. Fault conditions that clear the soft-start
capacitor are the EN/UV pin transitioning low, VIN voltage
falling too low, or thermal shutdown.
Output Power Good
When the LT8642-1’s output voltage is within the ±8%
window of the regulation point, the output voltage is
considered good and the open-drain PG pin goes high
impedance and is typically pulled high with an external
resistor. Otherwise, the internal pull-down device will pull
the PG pin low. To prevent glitching both the upper and
lower thresholds include 0.4% of hysteresis. PG is valid
when VIN is above 2.8V.
The PG pin is also actively pulled low during several fault
conditions: EN/UV pin is below 0.99V, INTVCC has fallen
too low, VIN is too low, or thermal shutdown.
Paralleling
To increase the possible output current, two LT8642-1s
can be connected in parallel to the same output. To do
this, the VC and FB pins are connected together, and each
LT8642-1’s SW node is connected to the common out-
put through its own inductor. The CLKOUT pin of one
LT8642-1 should be connected to the SYNC/MODE pin
of the second LT8642-1 to have both devices operate
in the same mode. During FCM, Spread Spectrum, and
Synchronization modes, both devices will operate at the
same frequency and phase. Figure 6 shows an application
where two LT8642-1s are paralleled to get one output
capable of up to 20A.
LT8642-1
20
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Table 2 provides a guideline for the compensation values
of several typical applications. Slight tweaks to these val-
ues may be required depending on the specific applica-
tion. All applications were using R1 = 100k.
Table 2. Compensation Values
VOUT
fSW
CC
RC
CPL
COUT
1.0V
1MHz
470pF
7.68k
47pF
2× 220μF
1.0V
2MHz
330pF
10.2k
47pF
2× 220μF
1.2V
1MHz
680pF
10.2k
47pF
2× 220μF
1.2V
2MHz
150pF
11k
47pF
2× 220μF
3.3V
1MHz
470pF
15k
18pF
2× 47μF
3.3V
2MHz
220pF
6.98k
39pF
2× 47μF
Output Voltage Tracking and Soft-Start
The LT8642-1 allows the user to program its output
voltage ramp rate by means of the SS pin. An internal
1.9µA pulls up the SS pin to INTVCC. Putting an external
capacitor on SS enables soft starting the output to pre-
vent current surge on the input supply. During the soft-
start ramp the output voltage will proportionally track the
SS pin voltage. For output tracking applications, SS can
be externally driven by another voltage source. From 0V
to 1V, the SS voltage will override the internal 0.597V
Figure 5. Model for Loop Response
VC
225k
FB
0.597V
86421 F05
CPL
LT8642-1
CURRENT MODE
POWER STAGE
COUT
R1
R2
OUTPUT
CF
CC
RC
Gm = 8.5S
gm = 1.75mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com