Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8640
Description  18V, 10A Synchronous Step-Down Silent Switcher
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8640 Datasheet HTML 13Page - Analog Devices LT8640 Datasheet HTML 14Page - Analog Devices LT8640 Datasheet HTML 15Page - Analog Devices LT8640 Datasheet HTML 16Page - Analog Devices LT8640 Datasheet HTML 17Page - Analog Devices LT8640 Datasheet HTML 18Page - Analog Devices LT8640 Datasheet HTML 19Page - Analog Devices LT8640 Datasheet HTML 20Page - Analog Devices LT8640 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LT8642-1
17
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Inductor Selection and Maximum Output Current
The LT8642-1 is designed to minimize solution size by
allowing the inductor to be chosen based on the output
load requirements of the application. During overload or
short-circuit conditions the LT8642-1 safely tolerates
operation with a saturated inductor through the use of a
high speed peak-current mode architecture.
A good first choice for the inductor value is given by
Equation 5.
L
=
VOUT + VSW(BOT)
fSW
⎛
⎝⎜
⎞
⎠⎟
•0.5
(5)
where fSW is the switching frequency in MHz, VOUT is
the output voltage, VSW(BOT) is the bottom switch drop
(~0.1V) and L is the inductor value in µH.
To avoid overheating and poor efficiency, an inductor must
be chosen with an RMS current rating that is greater than
the maximum expected output load of the application.
In addition, the saturation current (typically labeled ISAT)
rating of the inductor must be higher than the load current
plus 1/2 of in inductor ripple current (Equation 6)
IL(PEAK) =ILOAD(MAX) +
1
2
ΔIL
(6)
where ∆IL is the inductor ripple current as calculated in
Equation 8 and ILOAD(MAX) is the maximum output load
for a given application.
As a quick example, an application requiring 3A output
should use an inductor with an RMS rating of greater than
3A and an ISAT of greater than 4A. During long duration
overload or short-circuit conditions, the inductor RMS
rating requirement is greater to avoid overheating of the
inductor. To keep the efficiency high, the series resistance
(DCR) should be less than 0.01Ω, and the core material
should be intended for high frequency applications.
The LT8642-1 limits the peak switch current in order
to protect the switches and the system from overload
faults. The top switch current limit (ILIM) is 18A at low
duty cycles and decreases linearly to 13.5A at DC = 0.8.
The inductor value must then be sufficient to supply the
desired maximum output current (IOUT(MAX)), which is
a function of the switch current limit (ILIM) and the rip-
ple current (Equation 7).
IOUT(MAX) =ILIM −
ΔIL
2
(7)
The peak-to-peak ripple current in the inductor can be
calculated with Equation 8.
ΔIL =
VOUT
L • fSW
• 1
−
VOUT
VIN(MAX)
⎛
⎝
⎜
⎞
⎠
⎟
(8)
where fSW is the switching frequency of the LT8642-1,
and L is the value of the inductor. Therefore, the maximum
output current that the LT8642-1 will deliver depends on
the switch current limit, the inductor value, and the input
and output voltages. The inductor value may have to be
increased if the inductor ripple current does not allow
sufficient maximum output current (IOUT(MAX)) given the
switching frequency, and maximum input voltage used in
the desired application.
The optimum inductor for a given application may differ
from the one indicated by this design guide. A larger value
inductor provides a higher maximum load current and
reduces the output voltage ripple. For applications requir-
ing smaller load currents, the value of the inductor may be
lower and the LT8642-1 may operate with higher ripple cur-
rent. This allows use of a physically smaller inductor, or one
with a lower DCR resulting in higher efficiency. Be aware
that low inductance may result in discontinuous mode
operation, which further reduces maximum load current.
For more information about maximum output current and
discontinuous operation, see Analog Devices Application
Note 44.
For duty cycles greater than 50% (VOUT/VIN > 0.5), a min-
imum inductance is required to avoid subharmonic oscil-
lation (see Equation 9). See Analog Devices Application
Note 19 for more details.
LMIN =
VIN(2•DC−1)
5• fSW
(9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com