Electronic Components Datasheet Search
  English  ▼

X  

LT8640 Datasheet(PDF) 1 Page - Analog Devices

Part # LT8640
Description  18V, 10A Synchronous Step-Down Silent Switcher
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8640 Datasheet(HTML) 1 Page - Analog Devices

  LT8640 Datasheet HTML 1Page - Analog Devices LT8640 Datasheet HTML 2Page - Analog Devices LT8640 Datasheet HTML 3Page - Analog Devices LT8640 Datasheet HTML 4Page - Analog Devices LT8640 Datasheet HTML 5Page - Analog Devices LT8640 Datasheet HTML 6Page - Analog Devices LT8640 Datasheet HTML 7Page - Analog Devices LT8640 Datasheet HTML 8Page - Analog Devices LT8640 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LT8642-1
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
18V, 10A Synchronous
Step-Down Silent Switcher
The LT®8642-1 synchronous step-down regulator fea-
tures Silent Switcher architecture designed to mini-
mize EMI emissions while delivering high efficiency at
high switching frequencies. This performance makes
the LT8642-1 ideal for noise sensitive applications
and environments.
The fast, clean, low-overshoot switching edges enable
high efficiency operation even at high switching frequen-
cies, leading to a small overall solution size. Peak current
mode control with a 20ns minimum on-time allows high
step-down ratios even at high switching frequencies.
External compensation via the VC pin allows for fast
transient response at high switching frequencies. The
VC pin also enables current sharing and a CLKOUT pin
enables synchronizing other regulators to the LT8642-1.
Burst Mode operation enables low standby current con-
sumption, forced continuous mode can control frequency
harmonics across the entire output load range, or spread
spectrum operation can further reduce EMI emissions.
Soft-start and tracking functionality is accessed via the
SS pin, and an accurate input voltage UVLO threshold
can be set using the EN/UV pin.
1.2V 10A Step-Down Converter
APPLICATIONS
n
Silent Switcher® Architecture
n
Ultralow EMI Emissions
n
Optional Spread Spectrum Modulation
n
High Efficiency at High Frequency
n
Up to 96% Efficiency at 1MHz, 12VIN to 3.3VOUT
n
Up to 95% Efficiency at 2MHz, 12VIN to 3.3VOUT
n
Wide Input Voltage Range: 2.8V to 18V
n
10A Output Current
n
External Compensation: Fast Transient Response
and Current Sharing
n
Low Quiescent Current Burst Mode® Operation
n
240µA IQ Regulating 12VIN to 1.2VOUT
n
Output Ripple: <10mVP-P
n
Fast Minimum Switch On-Time: 20ns
n
Low Dropout Under All Conditions: 50mV at 1A
n
Forced Continuous Mode
n
Adjustable and Synchronizable: 200kHz to 3MHz
n
Output Soft-Start and Power Good
n
Small 20-Lead 3mm × 4mm LQFN Package
n
Server Power Applications
n
Automotive and Industrial Supplies
n
General Purpose Step-Down
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. patent 8823345.
12VIN to 1.2VOUT Efficiency
LT8642-1
86421 TA01a
SW
BST
VIN
GND
VIN
GND
EN/UV
RT
VC
INTVCC
FB
GND
220µF
×2
1µF
100k
VOUT
1.2V
10A
10µF
1µF
1µF
47nF
47pF
0.28µH
VIN
2.8V TO 18V
17.8k
150pF
11k
100k
fSW = 2MHz
EFFICIENCY
1MHz, L = 0.56µH
2MHz, L = 0.28µH
3MHz, L = 0.28µH
POWER LOSS
VBIAS = 3.3V
LOAD CURRENT (A)
1
2
3
4
5
6
7
8
9
10
60
65
70
75
80
85
90
95
100
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
86421 TA01b
INTERNAL CAPACITORS
PACKAGE
LT8642S
VIN, BST, INTVCC
4mm × 4mm LQFN
LT8642-1
None
3mm × 4mm LQFN


Similar Part No. - LT8640

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8640 LINER-LT8640 Datasheet
295Kb / 6P
42V, 5A Micropower Synchronous Step-Down Silent Switcher
LT8640 LINER-LT8640 Datasheet
1Mb / 38P
42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
LT8640 LINER-LT8640 Datasheet
1Mb / 26P
60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
logo
Analog Devices
LT8640 AD-LT8640 Datasheet
2Mb / 20P
High Efficiency 42V/120mA Synchronous Buck
LT8640 AD-LT8640 Datasheet
2Mb / 32P
42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
12/20-REV.C
More results

Similar Description - LT8640

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8614 LINER-LT8614 Datasheet
252Kb / 6P
42V, 4A Micropower Synchronous Step-Down Silent Switcher
LT8640 LINER-LT8640 Datasheet
295Kb / 6P
42V, 5A Micropower Synchronous Step-Down Silent Switcher
LT8646S LINER-LT8646S Datasheet
570Kb / 8P
65V, 8A Synchronous Step-Down Silent Switcher 2
LT8642S LINER-LT8642S Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher 2
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LTC3310S AD-LTC3310S Datasheet
2Mb / 32P
5V, 10A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
03/20-REV.C
LT8638S AD-LT8638S Datasheet
2Mb / 28P
42V, 10A/12A Peak Synchronous Step-Down Silent Switcher 2
LT8644S AD-LT8644S Datasheet
1Mb / 22P
8V, 16A Synchronous Step-Down Silent Switcher 2
LT8638-2 AD-LT8638-2 Datasheet
984Kb / 35P
42V, 10A/12A Peak Synchronous Step-Down Silent Switcher
Rev.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com