Electronic Components Datasheet Search
  English  ▼

X  

LT4239 Datasheet(PDF) 4 Page - Analog Devices

Part # LT4239
Description  High Current Hot Swap Controller with Current Monitor Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4239 Datasheet(HTML) 4 Page - Analog Devices

  LT4239 Datasheet HTML 1Page - Analog Devices LT4239 Datasheet HTML 2Page - Analog Devices LT4239 Datasheet HTML 3Page - Analog Devices LT4239 Datasheet HTML 4Page - Analog Devices LT4239 Datasheet HTML 5Page - Analog Devices LT4239 Datasheet HTML 6Page - Analog Devices LT4239 Datasheet HTML 7Page - Analog Devices LT4239 Datasheet HTML 8Page - Analog Devices LT4239 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT4239
4
Rev. 0
For more information www.analog.com
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
I(LEAK)
UV, IBOOST Input Leakage Current
V = 5V
l
0
±1
µA
VOUT(G2OFF)
OUT Voltage to Turn Off GATE2 After
Power Good
OUT Falling
l
3.5
3.7
3.9
V
Timer
VTMR(H)
STMR, CBTMR High Threshold Voltage
Rising
l
1.207
1.232
1.257
V
VTMR(L)
STMR, CBTMR Low Threshold Voltage
Falling
l
0.15
0.2
0.25
V
ISTMR(UP)
STMR Pull-Up Current
STMR = 1V, GATE1 Start-Up
l
-8
-10
-12
µA
ISTMR(DN)
STMR Pull-Down Current
STMR = 1V
l
80
125
170
µA
ICBTMR(UP)
CBTMR Pull-Up Current
CBTMR = 1V, In Overcurrent Fault
l
-8
-10
-12
µA
ICBTMR(DN)
CBTMR Pull-Down Current
CBTMR = 2V, No Faults
CBTMR = 2V, In Cool-Off Cycle
l
l
8
3
10
4
12
5
µA
µA
DRETRY
Retry Duty Cycle During Overcurrent Fault
l
0.03
0.06
0.1
%
Current Monitor
∆VSENSE2(FS)
Input Sense Voltage Full-Scale
(VSENSE2 – VOUTK)
IBOOST = 0V, OUT = 12V
IBOOST = 3V, OUT = 12V
l
l
15
30
mV
mV
VIMON(OS)
IMON Input Offset Voltage
∆VSENSE2 = 0V, OUT = 12V
l
±800
µV
AIMON
IMON Voltage Gain
∆VSENSE2 = 1mV to 15mV, OUT = 12V
l
97
100
103
V/V
VIMON(MAX)
IMON Maximum Output Voltage
∆VSENSE2 = 50mV, OUT = 12V
l
4.5
4.9
5.5
V
RIMON(OUT)
IMON Internal Resistance
∆VSENSE2 = 0V, OUT = 12V
l
15
20
25
kΩ
BWIMON
IMON Bandwidth
200
kHz
Outputs
VOL
FLT, PG Output Low Voltage
I = 5mA
l
0.2
0.4
V
IOH
FLT, PG Input Leakage Current
V = 5V
l
0
±1
µA
Timing Delays
tPHL(SENSE1)
∆VSENSE1 Voltage High to GATE1 Low
∆VSENSE1 = 0V Step to 300mV
l
0.5
1
µs
tPHL(SENSE2)
∆VSENSE2 Voltage High to GATE2 Low
∆VSENSE2 = 0V Step to 80mV
l
0.5
1
µs
tTMR(ACL)
Overcurrent Fault Timer Delay
∆VSENSE1 = 0V Step to 100mV
∆VSENSE2 = 0V Step to 25mV
l
l
80
90
100
100
115
110
µs
µs
tTMR(FET-BAD)
FET-Bad Fault Timer Delay
l
17
20
23
ms
tD(PG)
Power Good Delay
l
8
10
12
ms
tD(GATE1)
Debounced Turn-On Delay
UV = 0V Step to 2V
l
20
25
30
ms
tOFF(GATE)
GATE Turn-Off Propagation Delay
UV = 2V Step to 0.8V
l
170
220
270
µs
tOFF(GATE2)
GATE2 Turn-Off Delay After Power Good
OUT = 12V Step to 0V
l
1
2
µs
tRST(UV)
UV Low to FLT High
UV = 2V Step to 0V
l
20
40
µs
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 12V, IBOOST = 0V, RDRAIN = 100kΩ, unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into device pins are positive; all currents out of
the device pins are negative. All voltages are referenced to GND unless
otherwise specified.
Note 3: Limits on maximum rating is defined as whichever limit occurs
first. Internal clamps limit the GATE pins to a minimum of 10V above OUT
and a diode below OUT. Driving the GATE pins to voltages beyond the
clamps may damage the device.
Note 4: Thermal resistance is specified when the exposed pad is soldered
to a 3-inch × 5-inch, four layer, FR4 board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com