Electronic Components Datasheet Search
  English  ▼

X  

LT4239 Datasheet(PDF) 1 Page - Analog Devices

Part # LT4239
Description  High Current Hot Swap Controller with Current Monitor Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4239 Datasheet(HTML) 1 Page - Analog Devices

  LT4239 Datasheet HTML 1Page - Analog Devices LT4239 Datasheet HTML 2Page - Analog Devices LT4239 Datasheet HTML 3Page - Analog Devices LT4239 Datasheet HTML 4Page - Analog Devices LT4239 Datasheet HTML 5Page - Analog Devices LT4239 Datasheet HTML 6Page - Analog Devices LT4239 Datasheet HTML 7Page - Analog Devices LT4239 Datasheet HTML 8Page - Analog Devices LT4239 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT4239
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
High Current Hot Swap Controller
with Current Monitor Output
The LT®4239 hot swap controller allows a board to be
safely inserted and removed from a live backplane. Using
external N-channel pass transistors, board supply voltage
and inrush current are ramped up at a controlled rate. Dual
12V gate drive supports high current loads by providing a
two-stage start-up that first charges the load capacitance
followed by enabling a low on-resistance path to the load.
The supply output is protected against short-circuit faults
with a fast-acting electronic circuit breaker.
By placing the sense resistor on the output side and an RC
filter at the device’s supply pin, the MOSFET avalanching
can suppress the surge voltage when it is abruptly turned
off without the additional TVS at the board supply input.
The LT4239 features a current monitor that amplifies the
voltage across an external sense resistor. It also provides
undervoltage protection, and reports fault and power
good status for the supply. A boost mode allows the cir-
cuit breaker and current limit thresholds to be raised to
ride through load surges without generating a fault.
12V, 100A Application
APPLICATIONS
n
Allows Safe Board Insertion into Live Backplane
n
Wide Operating Voltage Range: 4V to 20V
n
Dual Gate Drivers for High Current Applications
n
Withstands Surge Voltage without Protection TVS
n
Monitors VGS and VDS for MOSFET Health
n
Accurate 10mV ± 5% Circuit Breaker Threshold
n
Boost Mode for Load Surges
n
Current Monitor Output
n
12V Gate Drive for Lower MOSFET RDS(ON)
n
Adjustable Start-Up and Overcurrent Fault Delay
n
Input Undervoltage Protection
n
Fault and Power Good Output
n
16-Lead 4mm × 3mm DFN Package
n
Electronic Circuit Breaker
n
Enterprise Servers and Data Storage Systems
n
Network Routers and Switches
All registered trademarks and trademarks are the property of their respective owners.
Start-Up Waveforms
START-UP FET
BYPASS FET
100k
1µF
10m
0.16m
33nF
1k
2.2µF
2k
10
10
1k
13.7k
10mF
SENSE1 SENSE2
GATE1
DRAIN
STMR
UV
CBTMR
OUT
OUTK
GATE2
PG
FLT
LT4239
GND
IBOOST
IMON
12V
12V
100A
1
1
VCC
0.16m
1
1
10
BYPASS FET
+
47nF
4239 TA01a
ADC
20ms/DIV
PG
10V/DIV
4239 TA01b
∆VGATE1
10V/DIV
∆VGATE2
10V/DIV
VOUT
10V/DIV


Similar Part No. - LT4239

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT4200 AD-LT4200 Datasheet
803Kb / 18P
50A Hot Swap E-Fuse with Guaranteed SOA
LT4200RUHG#PBF AD-LT4200RUHG#PBF Datasheet
803Kb / 18P
50A Hot Swap E-Fuse with Guaranteed SOA
LT4200RUHG#TRPBF AD-LT4200RUHG#TRPBF Datasheet
803Kb / 18P
50A Hot Swap E-Fuse with Guaranteed SOA
logo
Shenzhen Luguang Electr...
LT421AW LUGUANG-LT421AW Datasheet
3Mb / 3P
Ceramic Filter
logo
Linear Technology
LT4220 LINER-LT4220 Datasheet
267Kb / 16P
Dual Supply Hot Swap Controller
More results

Similar Description - LT4239

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4211 LINER-LTC4211 Datasheet
369Kb / 36P
Hot Swap Controller with Multifunction Current Control
LTC4230 LINER-LTC4230 Datasheet
390Kb / 36P
Triple Hot Swap Controller with Multifunction Current Control
logo
Analog Devices
ADM1178 AD-ADM1178 Datasheet
203Kb / 16P
Hot Swap Controller and Digital Power Monitor with AlertB Output
logo
Linear Technology
LTC4211 LINER-LTC4211_15 Datasheet
326Kb / 40P
Hot Swap Controller with Multifunction Current Control
LTC4230 LINER-LTC4230_15 Datasheet
389Kb / 36P
Triple Hot Swap Controller with Multifunction Current Control
logo
Texas Instruments
LM5067 TI1-LM5067 Datasheet
2Mb / 35P
Negative Hot Swap / Inrush Current Controller
logo
Linear Technology
LTC4236-1 LINER-LTC4236-1 Datasheet
266Kb / 8P
Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4282 LINER-LTC4282 Datasheet
1Mb / 18P
High Current Hot Swap Controller with I2C Compatible Monitoring
LTC4236 LINER-LTC4236 Datasheet
563Kb / 24P
Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Analog Devices
LTC4238 AD-LTC4238 Datasheet
1Mb / 32P
High Voltage High Current Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com