Electronic Components Datasheet Search
  English  ▼

X  

LT4239 Datasheet(PDF) 24 Page - Analog Devices

Part # LT4239
Description  High Current Hot Swap Controller with Current Monitor Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4239 Datasheet(HTML) 24 Page - Analog Devices

Back Button LT4239 Datasheet HTML 16Page - Analog Devices LT4239 Datasheet HTML 17Page - Analog Devices LT4239 Datasheet HTML 18Page - Analog Devices LT4239 Datasheet HTML 19Page - Analog Devices LT4239 Datasheet HTML 20Page - Analog Devices LT4239 Datasheet HTML 21Page - Analog Devices LT4239 Datasheet HTML 22Page - Analog Devices LT4239 Datasheet HTML 23Page - Analog Devices LT4239 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT4239
24
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2022
03/22
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LTC4210
Single Channel Hot Swap Controller
Operates from 2.7V to 16.5V, Active Current Limiting, TSOT23-6
LTC4211
Single Channel Hot Swap Controller
Operates from 2.5V to 16.5V, Multifunction Current Control, MSOP-8, SO-8 or MSOP-10
LTC4215
Single Channel Hot Swap Controller
Operates from 2.9V to 15V, I2C Compatible Monitoring, SSOP-16 or QFN-24
LTC4216
Single Channel Hot Swap Controller
Operates from 0V to 6V, Active Current Limiting, MSOP-10 or DFN-12
LTC4218
Single Channel Hot Swap Controller
Operates from 2.9V to 26.5V, Active Current Limiting, SSOP-16 or DFN-16
LTC4221
Dual Channel Hot Swap Controller
Operates from 1V to 13.5V, Multifunction Current Control, SSOP-16
LTC4222
Dual Channel Hot Swap Controller
Operates from 2.9V to 29V, I2C Compatible Monitoring, SSOP-36 or QFN-32
LTC4223
Dual Supply Hot Swap Controller
Controls 12V and 3.3V, Active Current Limiting, SSOP-16 or DFN-16
LTC4224
Dual Channel Hot Swap Controller
Operates from 1V to 6V, Active Current Limiting, MSOP-10 or DFN-10
LTC4281
Positive Voltage Hot Swap Controller with I2C
Compatible Monitoring
Operates from 2.9V to 33V, 12-/16-Bit ADC Monitors Current, Voltage, Power and
Energy, Internal EEPROM, QFN-28
LTC4282
High Current Positive Voltage Hot Swap
Controller with I2C Compatible Monitoring
Operates from 2.9V to 33V, Dual Gate Drive, 12-/16-Bit ADC Monitors Current,
Voltage, Power and Energy, Internal EEPROM, QFN-32
5V, 30A Application
M1
M2
RDRAIN
100k
C1
2.2µF
RS1
10m
RS2
0.5m
CG1
22nF
RG1
1k
CST
1µF
R1
2k
R4
10
R3
10
RVCC
475
R2
5.36k
CLOAD
4700 F
SENSE1 SENSE2
GATE1
DRAIN
STMR
UV
CBTMR
OUT
OUTK
GATE2
PG
FLT
LT4239
GND
IBOOST
IMON
5V
30A
R10
1
R11
1
VCC
RS3
0.5m
R12
1
R13
1
R5
10
M3
+
C2
0.1µF
CFT
47nF
4239 TA02
ADC
M2, M3: PSMNR60-25YLH
M1: PSMN6R1-30YLD
R6
10k
POWER GOOD
5V
R7
10k
5V
GND
BACKPLANE PLUG-IN
BOARD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com