Electronic Components Datasheet Search
  English  ▼

X  

LT4239 Datasheet(PDF) 9 Page - Analog Devices

Part # LT4239
Description  High Current Hot Swap Controller with Current Monitor Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4239 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT4239 Datasheet HTML 5Page - Analog Devices LT4239 Datasheet HTML 6Page - Analog Devices LT4239 Datasheet HTML 7Page - Analog Devices LT4239 Datasheet HTML 8Page - Analog Devices LT4239 Datasheet HTML 9Page - Analog Devices LT4239 Datasheet HTML 10Page - Analog Devices LT4239 Datasheet HTML 11Page - Analog Devices LT4239 Datasheet HTML 12Page - Analog Devices LT4239 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT4239
9
Rev. 0
For more information www.analog.com
OPERATION
The LT4239 is designed to turn a board’s supply voltage
on and off in a controlled manner, allowing the board
to be safely inserted or removed from a live backplane.
Input protection devices such as Transient Voltage
Suppressors (TVS) are not required with this architecture.
The avalanching of the MOSFET will limit the voltage spike
on the input while the RC filter connected to the VCC pin
protects it from this transitory voltage.
LT4239 features a “Low Stress Staged Start” technique
using two gate drives to sequence the turn-on of the
external MOSFETs. At initial power-up, if UV is pulled
above its turn-on threshold, a 25ms debounce cycle is
initiated to ensure the input supply is firmly connected.
After debounce, GATE1 is charged up with a 10µA current
source. MOSFET M1 turns on and charges the output
capacitor with a current level that is set by the slew rate at
GATE1 and the output capacitance. Since the inrush cur-
rent level is usually much smaller than the maximum load
current, a small MOSFET can be chosen for M1. The cur-
rent flowing through M1 is constantly monitored through
the voltage drop on the sense resistor RS1. This voltage is
regulated to 50mV lasting for 100µs before the part turns
off and FLT pulls low during an overcurrent condition.
When the output voltage rises to within 1V of the input’s
and ∆VGATE1 is greater than 10V, M2 turns on with a strong
gate pull-up current of 50µA. A lower SOA rated and lower
RDS(ON) MOSFET can be used to keep the MOSFET’s cost
down. For high current applications, multiple MOSFETs
can be connected in parallel reducing the voltage drop
and power dissipation. When the output voltage reaches
within 100mV of the input supply and ∆VGATE2 is more
than 10V, GATE1 turns off.
Upon the completion of the 10ms power good timer, PG
goes high impedance indicating to the system that M2
is fully enhanced and ready to supply the load. The total
duration from the completion of the debounce time to
the start of the power good timer is set by a capacitor
connected from the STMR pin to ground. If due to any
reasons, such as output soft short, bad MOSFET connec-
tion or design mistake, PG timer does not start before
the start-up timer expires, LT4239 latches off and pulls
FLT low. Pull the UV pin below the 0.6V reset threshold
to restart the part.
At any time if the current flowing through M2 creates
more than 10mV of voltage drop across sense resistor
RS2, a circuit breaker timer will start with the duration set
by a capacitor at the CBTMR pin. At the expiration of the
CB timer, M2 turns off and FLT pulls low. If the current
flowing through M2 is large, such as during an output
short-circuit, the voltage drop across RS2 is regulated to
15mV for 100µs. Connecting the FLT pin to the UV pin will
allow an automatic retry after a long cool-down period.
LT4239 monitors the MOSFETs condition constantly even
after PG goes high impedance. If during the operation the
voltage drop from input to output is more than 100mV
or ∆VGATE2 drops below 10V, a FET-Bad timer of 20ms
starts. After the timer expires, GATE2 latches off and FLT
pulls low. Restart the part by lowering the VCC pin below
the 3.6V undervoltage lockout threshold momentarily as
UV cannot reset such fault.
A boost mode allowing extra current to flow through the
pass transistors without triggering fault timers is included
in the LT4239. Pull IBOOST pin above 1.6V to double both
the circuit breaker and current limit thresholds. The FET-
Bad fault threshold is also doubled to allow temporarily
load surge.
A current sense amplifier (CM) that is active during nor-
mal operating condition provides accurate monitoring of
current through the current sense resistor RS2. The sense
voltage is amplified by 100 times and level shifted to a
ground-referred output at the IMON pin. This analog out-
put voltage can be digitized by an external ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com