Electronic Components Datasheet Search
  English  ▼

X  

LT4239 Datasheet(PDF) 5 Page - Analog Devices

Part # LT4239
Description  High Current Hot Swap Controller with Current Monitor Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4239 Datasheet(HTML) 5 Page - Analog Devices

  LT4239 Datasheet HTML 1Page - Analog Devices LT4239 Datasheet HTML 2Page - Analog Devices LT4239 Datasheet HTML 3Page - Analog Devices LT4239 Datasheet HTML 4Page - Analog Devices LT4239 Datasheet HTML 5Page - Analog Devices LT4239 Datasheet HTML 6Page - Analog Devices LT4239 Datasheet HTML 7Page - Analog Devices LT4239 Datasheet HTML 8Page - Analog Devices LT4239 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT4239
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
VCC Supply Current vs Voltage
OUT Current vs Voltage
MOSFET Gate Drive
vs VCC Voltage
MOSFET Gate Drive
vs Gate Leakage Current
MOSFET Gate Drive Pull-Up
Current vs Temperature
Current Limit Propagation Delay
vs Sense Voltage
IMON Voltage vs Sense Voltage
IMON Voltage Gain
vs Temperature
FLT and PG Output Low Voltage
vs Load Current
VCC (V)
0
4
8
12
16
20
500
550
600
650
700
750
4239 G01
VCC = VOUT
VOUT (V)
0
4
8
12
16
20
200
300
400
500
600
700
4239 G02
∆VGATE2
∆VGATE1
IGATE2 = –5µA
IGATE1 = –1µA
VCC (V)
0
4
8
12
16
20
10
11
12
13
14
4239 G03
∆VGATE2
∆VGATE1
IGATE (LEAKAGE) (µA)
0
–10
–20
–30
–40
–50
–60
0
2
4
6
8
10
12
14
4239 G04
IGATE2
IGATE1
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0
–10
–20
–30
–40
–50
–60
4239 G05
∆VSENSE2 (mV)
0
20
40
60
80
100
0.1
1
10
100
4239 G06
VCC = 12V
VCC = 4V
∆VSENSE2 (mV)
0
10
20
30
40
50
0
1
2
3
4
5
4239 G07
VCC = 12V
VCC = 4V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
97
98
99
100
101
102
103
4239 G08
TA = 125°C
TA = 25°C
TA = –40°C
ILOAD (mA)
0
2
4
6
8
10
0
0.2
0.4
0.6
0.8
4239 G09
TA = 25°C, VCC = 12V, IBOOST = 0V, RDRAIN =
100kΩ, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com