Electronic Components Datasheet Search
  English  ▼

X  

LT4239 Datasheet(PDF) 12 Page - Analog Devices

Part # LT4239
Description  High Current Hot Swap Controller with Current Monitor Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4239 Datasheet(HTML) 12 Page - Analog Devices

Back Button LT4239 Datasheet HTML 8Page - Analog Devices LT4239 Datasheet HTML 9Page - Analog Devices LT4239 Datasheet HTML 10Page - Analog Devices LT4239 Datasheet HTML 11Page - Analog Devices LT4239 Datasheet HTML 12Page - Analog Devices LT4239 Datasheet HTML 13Page - Analog Devices LT4239 Datasheet HTML 14Page - Analog Devices LT4239 Datasheet HTML 15Page - Analog Devices LT4239 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LT4239
12
Rev. 0
For more information www.analog.com
Parasitic MOSFET Oscillations
Not all circuit oscillations can be ascribed to the cur-
rent limit loop. Some higher frequency oscillations can
arise from the MOSFETs themselves. (See Rarely Asked
Questions—Issue 151, High-Side Current Sensing).
There are two possible parasitic oscillation mechanisms.
The first type of oscillation occurs at high frequencies,
typically above 1MHz. This high frequency oscillation is
easily damped with gate resistors R3 and R4 as shown
in Figure 1. In some applications, one may find that these
resistors help in short-circuit transient recovery as well.
However, too large of a resistor will slow down the turn-off
time. The recommended range for R3 and R4 is between
5Ω and 500Ω. 10Ω provides stability without affecting
turn-off time. These resistors must be located next to
the MOSFET gate pin with no other connections between
them. Connect each of the gate resistors to every MOSFET
when several MOSFETs are connected in parallel.
A second type of parasitic oscillation occurs at frequencies
between 200kHz and 800kHz when the MOSFET source is
loaded with less than 10µF, and the drain is fed with an
inductive impedance such as contributed by wiring induc-
tance. To prevent this second type of oscillation, load the
source with more than 10µF and bypass the input supply
with a series 10Ω, 100nF snubber to ground.
Overcurrent Fault During GATE1 Start-Up
The LT4239 features an active current limit to protect
the MOSFET M1 against short circuits or excessive cur-
rent during start-up. A rail-to-rail active current limit
(ACL) amplifier monitors the voltage across the sense
resistor RS1 which is located on the source side of the
MOSFET M1. When an overcurrent event appears, the ACL
amplifier regulates the gate of the MOSFET to maintain
50mV across the sense resistor. At this point, an internal
fault timer runs for 100µs until it times out. The MOSFET
is turned off with GATE1 pulled to OUT by 10mA, and the
fault latched-off with the FLT pin pulling low.
In the event of a severe short-circuit fault occurring during
start-up, the output current can momentarily surge to tens
of amperes. The LT4239 responds within 1µs to bring the
current under control by pulling the GATE1 to OUT. Almost
immediately, the gate of the MOSFET M1 recovers due
to the RG1 and CG1 network, and the current is actively
limited until the 100µs fault timer expires.
Overcurrent Fault After Power Good
Once the load capacitor is fully charged up through
MOSFET M1 after GATE1 start-up, MOSFET M2 will be
turned on to pass the load current in the power path.
There are three mechanisms to protect MOSFET M2 from
damage when an overcurrent event develops after power
good. The first one is the electronic circuit breaker (ECB)
with an adjustable timer. The second is the active current
limit (ACL) while the last one is a comparator detecting
the output falling below 3.7V.
An accurate electronic circuit breaker (ECB) and an active
current limit (ACL) amplifier monitor the voltage across
the sense resistor RS2 which is located on the source side
of MOSFET M2. The electronic circuit breaker will turn
off the MOSFET if the voltage across the sense resistor
exceeds the ECB threshold ∆VSENSE2(CB) (10mV) for lon-
ger than the fault filter delay configured at the CBTMR
pin. The fault filter starts the timeout with a 10µA cur-
rent charging the CBTMR pin capacitor. Otherwise, it dis-
charges with 10µA if the sense voltage falls below the ECB
threshold. If the CBTMR pin voltage exceeds its 1.232V
threshold, the MOSFET turns off with GATE2 pulled to
OUT by 50mA, and the fault is latched-off with the FLT
pin pulling low. For a given circuit breaker time delay, tCB,
the value for setting the external capacitor CFT is given by
Equation 1.
CFT = tCB • 0.008[µF⁄ms]
(1)
After the MOSFET turns off, the CBTMR pin capacitor is
discharged with a 4µA pull-down current until its threshold
reaches 0.2V. This is followed by a cool-off cycle whereby
the CBTMR pin will cycle up and down with 10µA and
4µA 512 times to allow the MOSFET to cool down. When
configured in a circuit shown in Figure 8 for auto-retry,
the resulting overcurrent duty cycle is 1:1280. During the
cool-off period, the FLT pin remains low, and the output
cannot be restarted by pulling the UV pin below 0.6V.
Active current limiting begins when the sense voltage
exceeds the ACL threshold ∆VSENSE2(ACL) (15mV), which
is 1.5 times the ECB threshold ∆VSENSE2(CB). The ACL
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com