Electronic Components Datasheet Search
  English  ▼

X  

LT4239 Datasheet(PDF) 14 Page - Analog Devices

Part # LT4239
Description  High Current Hot Swap Controller with Current Monitor Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4239 Datasheet(HTML) 14 Page - Analog Devices

Back Button LT4239 Datasheet HTML 10Page - Analog Devices LT4239 Datasheet HTML 11Page - Analog Devices LT4239 Datasheet HTML 12Page - Analog Devices LT4239 Datasheet HTML 13Page - Analog Devices LT4239 Datasheet HTML 14Page - Analog Devices LT4239 Datasheet HTML 15Page - Analog Devices LT4239 Datasheet HTML 16Page - Analog Devices LT4239 Datasheet HTML 17Page - Analog Devices LT4239 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LT4239
14
Rev. 0
For more information www.analog.com
terminals. If the GATE2 drive falls below its 10V threshold,
a FET-Bad condition is detected.
When either FET-Bad condition is present, an internal
20ms FET-Bad fault timer will be activated. The timer
resets whenever the FET-Bad condition disappears. After
the timer expires, the FLT pin pulls low and the GATE2 is
pulled down to OUT with a 10mA current. A FET-Bad fault
detection can only be cleared by lowering the VCC below
its 3.6V undervoltage lockout threshold.
FET Short Fault
The LT4239 monitors the integrity of the MOSFETs during
the debounce cycle. A FET short fault is detected if the
voltage between the MOSFET’s drain and OUTK pin
remains below 1.3V at the end of the 25ms debounce
cycle. The FLT pin will be pulled low after the debounce
cycle. The LT4239 will enter a cool-off period of 512 timing
cycles before the fault is cleared and the part can restart.
Resetting Faults
Faults generated during start-up or after power good will
cause the LT4239 to latch-off and FLT pin to be pulled low.
Pulling the UV pin below 0.6V will reset the latched fault.
If UV is pulled low during the cool-off period, it will not
reset the fault. But if UV continues to stay low until the
cool-off cycle is over, the fault will be reset at the end of
the cool-off period. If UV is pulled low after the cool-off
period, it will reset the fault instantly. When UV goes high
again after the fault latch is cleared, a debounce timing
cycle is initiated followed by GATE1 start-up.
The LT4239 can be configured for auto-retry by tying
the FLT to UV in a circuit shown in Figure 8. Whenever
the FLT pin is pulled low due to a fault, the UV pin will
also be pulled below 0.6V to reset the fault latch. For
faults that are followed by a cool-off cycle, the output will
only restart again at the end of the cool-off period when
the fault resets. However, for faults that don’t trigger the
cool-off cycle, the fault will be reset instantly allowing the
debounce timing cycle to restart. There is an exception
for a FET-Bad fault detected after power good, the FLT
pin will remain low prohibiting the debounce timing cycle
from starting.
Lowering the input supply until the VCC falls below its
undervoltage lockout threshold (3.6V) shuts off all the
MOSFETs and resets the fault latch. That includes reset-
ting the fault while the device in cool-off cycle.
Using IBOOST to Double the Circuit Breaker and
Current Limit Thresholds
The IBOOST pin can be used to double the circuit breaker,
current limit thresholds and the FET-Bad fault threshold
to ride through load surges after power good. It doesn’t
increase the current limit threshold of the start-up chan-
nel. Pulling the IBOOST pin above 1.6V will double those
thresholds allowing large current to pass through the pass
transistors without generating a fault. However, higher
current limit settings will result in higher MOSFET power
dissipation in the event of an output short. Proper choice
of the MOSFET must accommodate high power dissipa-
tion under the worst-case short-circuit if the IBOOST pin
function is used.
Monitor MOSFET Current
The current through the sense resistor RS2 is monitored
by LT4239’s current sense amplifier at the SENSE2 and
OUTK pins. See Figure 4. The sense amplifier is supplied
from the OUT voltage that must be greater than 3.7V for
the IMON output to be valid. An internal resistor RIN of
200Ω is connected between the amplifier’s negative input
terminal and SENSE2 pin. Another internal resistor ROUT
of 20k is connected between the IMON and GND pins.
The IMON output voltage is equal to (ROUT/RIN) • VSENSE.
The resistor ratio ROUT/RIN defines the voltage gain of the
sense amplifier and is set to 100. Full scale input sense
voltage to the sense amplifier is 30mV, corresponding
to an output of 3V at IMON pin. For input supply voltage
greater than 5V, the output clamps at 4.9V if the allow-
able input sense voltage range is exceeded. The IMON
pin is held at ground potential if the OUT voltage is less
than 3.7V.
A capacitor connected from the IMON pin to GND will
reduce noise at the output and may also be useful as a
charge reservoir to keep the pin steady while driving a
switching circuit such as an ADC.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com