Electronic Components Datasheet Search
  English  ▼

X  

LT4239 Datasheet(PDF) 15 Page - Analog Devices

Part # LT4239
Description  High Current Hot Swap Controller with Current Monitor Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4239 Datasheet(HTML) 15 Page - Analog Devices

Back Button LT4239 Datasheet HTML 11Page - Analog Devices LT4239 Datasheet HTML 12Page - Analog Devices LT4239 Datasheet HTML 13Page - Analog Devices LT4239 Datasheet HTML 14Page - Analog Devices LT4239 Datasheet HTML 15Page - Analog Devices LT4239 Datasheet HTML 16Page - Analog Devices LT4239 Datasheet HTML 17Page - Analog Devices LT4239 Datasheet HTML 18Page - Analog Devices LT4239 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LT4239
15
Rev. 0
For more information www.analog.com
Supply Transients
In card-resident applications, an output short-circuits
working against the inductive nature of the supply can
cause the input to collapse almost to ground resulting in
supply brown-out. The architecture of the LT4239 allows
a simple RC filter to be connected at the VCC pin to pre-
serve the supply voltage not falling below its undervoltage
lockout threshold when the event happens. Meanwhile,
the LT4239’s fast comparator begins to engage and turn
off the MOSFETs in less than 1µs once the short-circuit
current through the sense resistor rises above its trip
threshold. When that happens, the input supply voltage
rapidly recovers and overshoots to a very high value due
to inductive kick. With the RC filter connected damping
the transient spikes, the VCC pin is protected from dam-
age. This removes the need for a transient voltage sup-
pressor (TVS) connected from VCC to GND. Without the
help of a TVS at the input, the voltage spikes can rise
to a level causing the MOSFET to breakdown and dis-
charge the inductor energy to the output. The MOSFET
can be damaged if the specified avalanche current or
energy is exceeded. A TVS (Z1) across the MOSFET can
be added from supply input to output for more protection.
See Figure 1.
APPLICATIONS INFORMATION
0.01µF
RIN
200
ROUT
20k
0.1µF
10µF
5V
SENSE2
OUT
OUTK
GATE2
LT4239
GND
12V
GND
REF–
REF+
SCL
SDA
LTC2451
2-WIRE I2C
INTERFACE
IN
IMON
VSENSE
ILOAD
VCC
4239 F04
+
–
LOAD
VCC
Figure 4. Low Side Current Monitor with LTC2451 ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com