Electronic Components Datasheet Search
  English  ▼

X  

LT4239 Datasheet(PDF) 8 Page - Analog Devices

Part # LT4239
Description  High Current Hot Swap Controller with Current Monitor Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4239 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT4239 Datasheet HTML 4Page - Analog Devices LT4239 Datasheet HTML 5Page - Analog Devices LT4239 Datasheet HTML 6Page - Analog Devices LT4239 Datasheet HTML 7Page - Analog Devices LT4239 Datasheet HTML 8Page - Analog Devices LT4239 Datasheet HTML 9Page - Analog Devices LT4239 Datasheet HTML 10Page - Analog Devices LT4239 Datasheet HTML 11Page - Analog Devices LT4239 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT4239
8
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM
+
–
4V
LDO
+
–
10ms
TIMER
20ms
TIMER
+–
+–
+–
+–
100 s
TIMER
GATE1
DRIVER
–
+
ACL
CHARGE
PUMP
20k
10mV
INTVCC
1.232V
TM1
10 A
TM2
TM3
TM4
0.2V
1.232V
0.2V
6 A
4 A
10 A
125 A
INTVCC
100 s
TIMER
GATE2
DRIVER
–
+
CB
CM
–
+
ACL
–
+
FAST
+–
+–
CB
TIMER
+–
+
–
+
–
LOGIC
PG
FLT
IBOOST
UV
VCC
DRAIN
SENSE1
GATE1
OUTK
OUT
GATE2
IMON
SENSE2
CBTMR
STMR
GND
EXPOSED PAD
FAULT RESET
GATE ON
UVLO
UV
RST
1.232V
3.6V
100mV
100mV
1V
50mV
FET-BAD
PG
G2START
50 A
10 A
CP1
CP2
12V
12V
OUT
OUT
10V
10V
3.7V
G1HI
OUTLO
G2HI
15mV
40mV
200Ω
LOGIC
0.6V
INTVCC
4239 BD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com