Electronic Components Datasheet Search
  English  ▼

X  

LT4239 Datasheet(PDF) 7 Page - Analog Devices

Part # LT4239
Description  High Current Hot Swap Controller with Current Monitor Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4239 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT4239 Datasheet HTML 3Page - Analog Devices LT4239 Datasheet HTML 4Page - Analog Devices LT4239 Datasheet HTML 5Page - Analog Devices LT4239 Datasheet HTML 6Page - Analog Devices LT4239 Datasheet HTML 7Page - Analog Devices LT4239 Datasheet HTML 8Page - Analog Devices LT4239 Datasheet HTML 9Page - Analog Devices LT4239 Datasheet HTML 10Page - Analog Devices LT4239 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT4239
7
Rev. 0
For more information www.analog.com
FLT (Pin 12): Open Drain Fault Output. Output that pulls
low when a fault occurs. It can be a start-up fault, or a
fault timer expired due to a FET-Bad or an overcurrent
fault. Otherwise, it goes high impedance and requires
an external pull-up resistor to a positive supply. Leave
unconnected if unused.
PG (Pin 13): Open Drain Power Good Status Output. The
pin is kept low until a power good condition is valid for
10ms. To initiate the 10ms power good timer, ∆VGATE2
needs to be above 10V and the voltage difference across
the Bypass MOSFET is less than 100mV. Connect a
resistor from this pin to a positive supply voltage. Leave
unconnected if unused.
GND (Pin 14): Device Ground.
PIN FUNCTIONS
IBOOST (Pin 15): Extra Loading Request Input. Pulls this
pin high to double both the circuit breaker and active cur-
rent limit thresholds. This allows the Bypass MOSFET to
supply higher current without triggering either the circuit
breaker or the current limit timers. Connect to GND to
disable this function.
IMON (Pin 16): Current Sense Monitor Output. This
voltage at the pin is proportional to the sense voltage
monitored between the SENSE2 and OUTK pins with a
voltage gain of 100. An internal 20k resistor is connected
from this pin to ground. The measurement is valid only
when OUT is above 3.7V and PG is pulled high, other-
wise the pin is pulled low to ground. Leave unconnected
if unused.
Exposed Pad (Pin 17): May be left open or connected to
device ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com