Electronic Components Datasheet Search
  English  ▼

X  

LT4239 Datasheet(PDF) 10 Page - Analog Devices

Part # LT4239
Description  High Current Hot Swap Controller with Current Monitor Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4239 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT4239 Datasheet HTML 6Page - Analog Devices LT4239 Datasheet HTML 7Page - Analog Devices LT4239 Datasheet HTML 8Page - Analog Devices LT4239 Datasheet HTML 9Page - Analog Devices LT4239 Datasheet HTML 10Page - Analog Devices LT4239 Datasheet HTML 11Page - Analog Devices LT4239 Datasheet HTML 12Page - Analog Devices LT4239 Datasheet HTML 13Page - Analog Devices LT4239 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT4239
10
Rev. 0
For more information www.analog.com
In most high current Hot Swap applications, multiple
parallel MOSFETs are used to minimize the voltage drop,
power loss and accompanying temperature rise on the
pass transistors. Due to the gate threshold variation,
parallel MOSFETs driven by a single gate driver tend to
concentrate the current into a single MOSFET during initial
turn-on or current limit. As a result, expensive MOSFETs
with enough SOA to withstand such events are needed.
The LT4239 offers a low-cost solution by providing two
gate drivers to separately control the initial turn-on and
the power distribution. Only start-up MOSFET is needed
for initial turn-on and one or more parallel MOSFETs with
low RDS(ON) bypass the start-up for power distribution.
The following sections cover turn-on, turn-off, and vari-
ous faults that the LT4239 detects and acts upon. External
component selection is discussed in detail in the Design
Example section.
APPLICATIONS INFORMATION
A typical LT4239 application circuit operating at 12V sup-
ply with a 100A load in a high availability system is shown
in Figure 1. The board power supply at the OUT pin is con-
trolled with external N-Channel MOSFETs (M1, M2) placed
in the power path. M1 is a trickle MOSFET for start-up
while M2 can be a group of parallel MOSFETs for passing
the power. The current through the MOSFETs is monitored
with sense resistors (RS1, RS2) connected on the source
side of the MOSFETs. Resistors R10 – R13 are part of the
sense resistor averaging network. Resistors R1 and R2 at
the UV pin define an undervoltage level of the input supply
to turn on the MOSFETs. RVCC and C1 protect the VCC pin
from input supply transient spikes and help holding up
the VCC voltage when the input supply collapses during
output short. The MOSFET’s drain voltage is monitored
through RDRAIN at the DRAIN pin. R3 and R4 prevent high
frequency self-oscillations in M1 and M2 respectively. The
R-C network, RG1 and CG1 at GATE1 pin limit the inrush
to the load capacitance during start-up.
M1
M2A ×4
RDRAIN
100k
1%
C1
1µF
RS1
10m
RS2A
1m
CG1
33nF
RG1
1k
CST
2.2µF
R1
2k
R4A
10
×4
R3
10
RVCC
1k
R2
13.7k
CLOAD
10mF
SENSE1 SENSE2
GATE1
DRAIN
STMR
UV
CBTMR
OUT
OUTK
GATE2
PG
FLT
LT4239
GND
IBOOST
IMON
VOUT
12V
100A
R10
1
R11
1
VCC
RS2B
1m
R12
1
R13
1
R4B
10
×4
M2B ×4
+
C2
0.1µF
CFT
47nF
4239 F01
ADC
Z1*: OPTIONAL (SMCJ33A)
M2A, M2B: PSMN1R0-25YLD
M1: PSMN6R1-30YLD
×6
R8
10k
POWER GOOD
Z1*
12V
R9
10k
12V
GND
BACKPLANE PLUG-IN
BOARD
Figure 1. Typical Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com